Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9063L Datasheet(PDF) 72 Page - Dialog Semiconductor

Part # DA9063L
Description  System PMIC for Mobile and Automotive Applications
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063L Datasheet(HTML) 72 Page - Dialog Semiconductor

Back Button DA9063L Datasheet HTML 68Page - Dialog Semiconductor DA9063L Datasheet HTML 69Page - Dialog Semiconductor DA9063L Datasheet HTML 70Page - Dialog Semiconductor DA9063L Datasheet HTML 71Page - Dialog Semiconductor DA9063L Datasheet HTML 72Page - Dialog Semiconductor DA9063L Datasheet HTML 73Page - Dialog Semiconductor DA9063L Datasheet HTML 74Page - Dialog Semiconductor DA9063L Datasheet HTML 75Page - Dialog Semiconductor DA9063L Datasheet HTML 76Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 173 page
background image
DA9063L
System PMIC for Mobile and Automotive Applications
Datasheet
DA9063L_2v1
05-Apr-2017
CFR0011-120-00
72 of 173
© 2017 Dialog Semiconductor
6.8.1.1
Details of the 2-wire control bus protocol
All data is transmitted across the 2-bus in groups of 8 bits. To send a bit, the DATA line is driven at
the intended state while the CLK is LOW (a low on DATA indicates a zero bit). Once the DATA has
settled, the CLK line is brought high and then low. This pulse on CLK clocks the DATA bit into the
receiver’s shift register, see Figure 19.
A two byte serial protocol is used containing one byte for address and one byte data. Data and
address transfer is MSB transmitted first for both read and write operations. Transmission begins
with the START condition from the master while the bus is idle. It is initiated by a high-to-low
transition on the DATA line while the CLK is in the high state (a STOP condition is indicated by a low-
to-high transition on the DATA line while the CLK is in the high state).
CLK
DATA
Figure 19: Timing of START and STOP Condition
The 2-WIRE bus is monitored by the DA9063L for a valid slave address when the interface is
enabled. It responds immediately when it receives its own slave address. This ‘Acknowledge’ is done
by pulling the DATA line low during the following clock cycle (see the white blocks marked A in
Figure 20 to Figure 24).
The protocol for a register write from master to slave consists of a start condition, a slave address
with read/write bit and the 8-bit register address followed by 8 bits of data terminated by a STOP
condition (all bytes responded by DA9063L with Acknowledge), as illustrated in Figure 20.
S
SLAVEadr
REGadr
A
A
DATA
A
P
W
S = START condition
P = STOP condition
Slave to master
A = Acknowledge (low)
W = Write (low)
Master to slave
7 bits
1 bit
8 bits
8 bits
Figure 20: Byte Write (DATA Line)
When the host reads data from a register, it first has to write access the DA9063L with the target
register address and then read access the DA9063L with a Repeated START or alternatively a
second START condition. After receiving the data, the host sends Not Acknowledge and terminates
the transmission with a STOP condition (Figure 21).
S = START condition
Sr = Repeated START condition
P = STOP condition
Slave to master
A = Acknowledge (low)
A* = No Acknowledge
W = Write (low)
Master to slave
S
SLAVEadr
A
DATA
A*
P
W
7 bits
1 bit
8 bits
A
R
S
SLAVEadr
7 bits
1 bit
REGadr
A
8 bits
R = Read (high)
S
SLAVEadr
A
DATA
A*
P
W
7 bits
1 bit
8 bits
A
R
Sr
SLAVEadr
7 bits
1 bit
REGadr
A
8 bits
P
Figure 21: Examples of Byte Read (DATA Line)


Similar Part No. - DA9063L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
More results

Similar Description - DA9063L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
   System PMIC for Mobile Application Processors
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
SpectraLinear Inc
SC660E SPECTRALINEAR-SC660E Datasheet
70Kb / 5P
   SMBus System Clock Buffer for Mobile Applications
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
   PMIC for Automotive Camera
logo
Richtek Technology Corp...
RTQ2071-QA RICHTEK-RTQ2071-QA Datasheet
1Mb / 31P
   Automotive CIS/CCM PMIC for Ultra Compact Camera and High Image Quality System
July 2023
logo
Texas Instruments
TPS99110-Q1 TI1-TPS99110-Q1_17 Datasheet
1Mb / 67P
[Old version datasheet]   System-Basis Chip for Automotive Applications
TPS99110-Q1 TI1-TPS99110-Q1 Datasheet
863Kb / 63P
[Old version datasheet]   System-Basis Chip for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com