Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9063L Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # DA9063L
Description  System PMIC for Mobile and Automotive Applications
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063L Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button DA9063L Datasheet HTML 44Page - Dialog Semiconductor DA9063L Datasheet HTML 45Page - Dialog Semiconductor DA9063L Datasheet HTML 46Page - Dialog Semiconductor DA9063L Datasheet HTML 47Page - Dialog Semiconductor DA9063L Datasheet HTML 48Page - Dialog Semiconductor DA9063L Datasheet HTML 49Page - Dialog Semiconductor DA9063L Datasheet HTML 50Page - Dialog Semiconductor DA9063L Datasheet HTML 51Page - Dialog Semiconductor DA9063L Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 173 page
background image
DA9063L
System PMIC for Mobile and Automotive Applications
Datasheet
DA9063L_2v1
05-Apr-2017
CFR0011-120-00
48 of 173
© 2017 Dialog Semiconductor
5.10 Internal Oscillator
Table 24: Internal Oscillator, TJ = -40 ºC to +125 ºC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Internal oscillator
frequency
After trimming
5.7
6.0
6.3
MHz
5.11 POR, Reference Generation, and Voltage Supervision
Table 25: POR, Reference Generation and Voltage/Temperature Supervision, TJ = -40 ºC to
+125 ºC
Parameter
Symbol
Test
Conditions
Min
Typ
Max
Unit
Deep discharge
lockout lower
threshold
VPOR_LOWER
2.0
V
Deep discharge
lockout upper
threshold
VPOR_UPPER
2.3
V
Under-voltage
lower threshold
VDD_FAULT_LOWER
Note 1
2.5
2.8
3.25
V
Under-voltage
lower threshold
accuracy
VDD_FAULT_LOWER
Accuracy
±2
%
Under-voltage
upper threshold
VDD_FAULT_UPPER
Note 2
VDD_FAULT_LOWER
+ VDD_HST_ADJ
V
Reference
voltage
VREF
-1%
1.2
+1%
V
VREF decoupling
capacitor
2.2
uF
VLNREF
decoupling
capacitor
2.2
uF
Reference current
resistor
IREF
-1%
200
+1%
kΩ
Note 1
During production VDD_FAULT_LOWER voltage is configured via OTP over the range 2.5 V to 3.25 V
in 50 mV steps.
Note 2
During production the hysteresis between VDD_FAULT_LOWER and VDD_FAULT_UPPER is
configured via OTP over the range 100 mV to 450 mV in 50 mV steps, the hysteresis can be further
changed through control VDD_HYST_ADJ.
5.12 Thermal Supervision
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Thermal warning
TEMP_WARN
Note 1
110
125
140
°C
Thermal shutdown
TEMP_CRIT
Note 1
125
140
155
°C
Thermal POR threshold
TEMP_POR
Note 1
135
150
165
°C
Note 1
Thermal thresholds are non-overlapping.


Similar Part No. - DA9063L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
More results

Similar Description - DA9063L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
   System PMIC for Mobile Application Processors
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
SpectraLinear Inc
SC660E SPECTRALINEAR-SC660E Datasheet
70Kb / 5P
   SMBus System Clock Buffer for Mobile Applications
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
   PMIC for Automotive Camera
logo
Richtek Technology Corp...
RTQ2071-QA RICHTEK-RTQ2071-QA Datasheet
1Mb / 31P
   Automotive CIS/CCM PMIC for Ultra Compact Camera and High Image Quality System
July 2023
logo
Texas Instruments
TPS99110-Q1 TI1-TPS99110-Q1_17 Datasheet
1Mb / 67P
[Old version datasheet]   System-Basis Chip for Automotive Applications
TPS99110-Q1 TI1-TPS99110-Q1 Datasheet
863Kb / 63P
[Old version datasheet]   System-Basis Chip for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com