Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9062-A Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA9062-A
Description  PMIC for Applications Requiring up to 8.5 A
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9062-A Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA9062-A Datasheet HTML 1Page - Dialog Semiconductor DA9062-A Datasheet HTML 2Page - Dialog Semiconductor DA9062-A Datasheet HTML 3Page - Dialog Semiconductor DA9062-A Datasheet HTML 4Page - Dialog Semiconductor DA9062-A Datasheet HTML 5Page - Dialog Semiconductor DA9062-A Datasheet HTML 6Page - Dialog Semiconductor DA9062-A Datasheet HTML 7Page - Dialog Semiconductor DA9062-A Datasheet HTML 8Page - Dialog Semiconductor DA9062-A Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
DA9062-A
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 2.0
03-Oct-2017
CFR0011-120-00
1 of 93
© 2017 Dialog Semiconductor
General Description
DA9062-A is a power management integrated circuit (PMIC) optimized for supplying systems with
single- and dual-core processors, I/O, DDR memory, and peripherals. It targets car navigation,
vehicle infotainment systems, automotive telematics and FPGA based applications.
DA9062-A features four buck converters providing a total current of 8.5 A. High efficiency is achieved
over a wide load range by using automatic Pulse Frequency Modulation (PFM) mode. All power
switches are integrated; therefore, external Schottky diodes are not required. Furthermore, low-
profile inductors can be used with DA9062-A. Two of the buck converters can be used in a dual-
phase configuration, and one can be used as a DDR VTT supply. The four LDO regulators with
programmable output voltage provide up to 300 mA.
Dynamic voltage control (DVC) allows dynamic control of DA9062-A supply voltages according to the
operating point of the system. It is controlled by writing directly to the registers using the I
2C
compatible 2-wire interface or the GPIOs.
DA9062-A features a programmable power sequencer that handles start-up and shutdown
sequences. Power mode transitions can be triggered with software control, GPIOs, or with the on-
key. Several types of on-key presses can be detected to trigger different power mode transitions.
The real-time clock (RTC), with an external 32 kHz crystal oscillator, provides time keeping and alarm
functions. Additionally, the integrated watchdog timer monitors the system.
Five GPIOs are able to perform system functions, including: keypad supervision, application wake
up, and timing-controlled external regulators/power switches or other ICs.
DA9062-A is also available as a consumer and industrial version DA9062.
Key Features
Input voltage 2.8 V to 5.5 V
Four buck converters with DVC:
Buck1: 0.3 V to 1.57 V, 2.5 A
Buck2: 0.3 V to 1.57 V, 2.5 A
(can be used in dual-phase configuration
with Buck1)
Buck3: 0.8 V to 3.34 V, 2 A
Buck4: 0.53 V to 1.8 V, 1.5 A
(can be used as DDR VTT supply)
3 MHz switching frequency
(enables low profile inductors)
Four LDO regulators:
LDO1: 0.9 V to 3.6 V, 100 mA
LDO2, LDO3, LDO4: 0.9 V to 3.6 V,
300 mA
Programmable power mode sequencer
System supply and junction temperature
monitoring
Watchdog timer
Five GPIOs
Coin cell/super-capacitor charger
Ultra-low power RTC with alarm
32 kHz oscillator with external crystal
-40 °C to +125 °C junction temperature range
40-pin QFN 6 mm × 6 mm package, 0.5 mm
pitch (exposed paddle)
Automotive AEC-Q100 Grade 2 (-40 °C to
105 °C)
Applications
Car navigation systems
In-car infotainment
Telematics
Single core application processors
FPGAs


Similar Part No. - DA9062-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9062-A RENESAS-DA9062-A Datasheet
1Mb / 99P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
More results

Similar Description - DA9062-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9062 DIALOG-DA9062_16 Datasheet
1Mb / 96P
   PMIC for applications requiring up to 8.5 A
logo
Renesas Technology Corp
DA9062-A RENESAS-DA9062-A Datasheet
1Mb / 99P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
DA9062 RENESAS-DA9062 Datasheet
1Mb / 101P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
logo
Dialog Semiconductor
DA9062 DIALOG-DA9062 Datasheet
1Mb / 93P
   Entry level PMIC for applications requiring up to 8.5 A
logo
Renesas Technology Corp
DA9061-A RENESAS-DA9061-A Datasheet
1Mb / 91P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
DA9061 RENESAS-DA9061 Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
logo
Dialog Semiconductor
DA9061 DIALOG-DA9061_17 Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-A DIALOG-DA9061-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9061 DIALOG-DA9061 Datasheet
1Mb / 82P
   Entry level PMIC for applications requiring up to 6 A
logo
Pentair plc. All rights...
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com