Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9021 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 6Page - Dialog Semiconductor DA9021 Datasheet HTML 7Page - Dialog Semiconductor DA9021 Datasheet HTML 8Page - Dialog Semiconductor DA9021 Datasheet HTML 9Page - Dialog Semiconductor DA9021 Datasheet HTML 10Page - Dialog Semiconductor DA9021 Datasheet HTML 11Page - Dialog Semiconductor DA9021 Datasheet HTML 12Page - Dialog Semiconductor DA9021 Datasheet HTML 13Page - Dialog Semiconductor DA9021 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
10 of 142
© 2017 Dialog Semiconductor
2
Block diagram
Multiplexed GPIO EXTENDER
PIN
– Multiplex with
GP-ADC / CONTROL HS / I2C
VDDCORE
POWER MANAGER
ON/OFF CONTROL
RESET GENERATION
OTP PROGRAMMABLE
WAKE-UP AND SHUTDOWN
SEQUENCING CONTROL
SYSTEM MONITOR
INTERRUPT HANDLER
TEMP
SENSOR
VOLTAGE
SUPER-
VISION
RTC
32 kHz OSC
RTC
DIGITAL
REF
VOLTAGE
BIASING
CIRCUIT
INTERNAL
OSC
LDOB( DVC)
1. 725-3.3V
DIG CTRL
2.2uF
LDOC (LN)
1.2 -3.6V
DIG CTRL
2.2uF
LD03
LDO7
VDDOUT/VBUCKx
VDDCORE
100nF
DIG CTRL
32 kHz Crystal
SYS_EN/ GPIO_C
PWR_EN/ GPIO_D
PWR1_EN/ GPIO_ E
GP_FB1/ GPIO_ F
nRESET
n SHUTDOWN
nIRQ
nONKEY/ KEEP_ ACT
nVDD_ FAULT/ GPIO_ G
200kO
VREF
IREF
VDDCORE
TP
PWR_UP/ GP_FB2
OTP
MEMORY
LDOA(LN)
0.6-1.8V
DIG CTRL
1.0uF
LDO1
VDDOUT/VBUCKx/VDD_REF
LDOE(LN)
1.2
–3.6V
DIG CTRL
2.2uF
LDO10
VDDCORE
LDOD(LN)
1.25-3.65V
DIG CTRL
1.0uF
100nF
2.2uF
DIG CTRL
LDOCORE
2.5V
LDO9
VDDOUT/VBUCKx
VDD_REF
OUT_32K
DA9021/DA9022
4.7uH
BUCK
PRO
DA9021
ONLY
4.7uH
BUCK
CORE
22uF
22uF
4.7uH
BUCK
MEM
10uF
GENERAL PURPOSE
10 BIT ADC
TBAT
VBUS SELECTOR
OV- PROTECTION
VDDOUT
VBAT
Active
Diode
CHARGER
VDDCORE
30uF
distributed
4.7uH
Powerpath plus
ADCIN4/GPIO_A
VBUS
DIG CTRL
DIG CTRL
VBUS_ PROT
VCENTER
VSS
DIG CTRL
HS 2-WIRE
INTERFACE
4-WIRE/2-WIRE
INTERFACE
ADCIN5/GPIO_B
4.7uH
BUCK
PERI
DA9022
ONLY
10uF
Figure 1: Block diagram


Similar Part No. - DA9021

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9024 DIALOG-DA9024 Datasheet
979Kb / 3P
   DA9024 Quad 1.2A Buck PMIC with Audio Drivers
More results

Similar Description - DA9021

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9052 DIALOG-DA9052 Datasheet
1Mb / 3P
   Flexible system PMIC with high-efficiency USB power manager
DA9053 DIALOG-DA9053 Datasheet
3Mb / 183P
   Flexible High-Power System PMIC with Switching USB Power Manager
logo
Renesas Technology Corp
DA9053 RENESAS-DA9053 Datasheet
3Mb / 185P
   Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
31-Aug-2016
logo
Linear Technology
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
LTC4088-2 LINER-LTC4088-2_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4088-1 LINER-LTC4088-1_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC3586-3 LINER-LTC3586-3_15 Datasheet
699Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586 LINER-LTC3586_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3566-2 LINER-LTC3566-2_15 Datasheet
282Kb / 28P
   High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com