Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

Z35 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part No. Z35
Description  19*19mm and 16*19mmLED Board Sizes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

Z35 Datasheet(HTML) 1 Page - TE Connectivity Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NEED PRODUCT
GROUP PHOTO
INTELLIGENT BUILDINGS /// LUMAWISE LED HOLDERS TYPE Z35
TE Connectivity (TE)’s LUMAWISE LED Holder Type Z35 is suitable
for LED board sizes 19*19mm and 16*19mm from various LED
manufacturers. This LED Holder offers higher level of integration via
a solderless connection to chip-on-board (COB) LEDs using standard
pan-head and countersunk screws. The Type Z35 LED holder enables
quick and easy LED assembly through tape-in LED retention and
provides easy attachment of secondary optics. TE’s LUMAWISE LED
Holder is Zhaga book 11 inspired.
Benefits
• Enable a higher level of integration
through a solderless connection
• Achieve quick and easy LED assembly
through tape-in LED retention
• Ease termination with integrated poke-in
wire termination
• High-reflectivity, halogen free and red
phosphorus free plastic housing material
LUMAWISE
LED HOLDER
TYPE Z35
Applications
• Spot Lights
• Track Lights
• Recessed Downlights
• High Bay Lights
• Retrofit Lamps
• Wall Sconces
• Street Lights
• Runway Lights
• Architectural Lighting
• Reading lamps
• Sign and symbol luminaires
• Area and object lighting
Electrical
• Current rating:
3A (max)
• Voltage rating:
60 VDC
Mechanical
• Operating temperature
range:
-40 to +105
˚C
• Uses M3 or #4-40 screws
• Poke-in electrical contact
support:
18 AWG and 20 AWG solid, fused
and stranded wire
• 35 mm diameter by 3.6 mm height (max)
Specifications
• Product specification:
108-133062
• Application specifications:
114-133062
• UL 8754 approved
• IEC 60838-2-2 approved
Materials
• Halogen free and red phosphorus free plastic housing material
• UL 94 V0 rating
19*19mm and 16*19mm
LED Board Sizes


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn