Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

Z35 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part No. Z35
Description  19*19mm and 16*19mmLED Board Sizes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

Z35 Datasheet(HTML) 2 Page - TE Connectivity Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTELLIGENT BUILDINGS /// LUMAWISE LED HOLDERS TYPE Z35
© 2017 TE Connectivity. All Rights Reserved. LUMAWISE, TE, TE Connectivity, and the TE connectivity (logo) are trademarks of the TE Connectivity
Ltd. family of companies. Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is error-free, nor does TE make any
other representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information
contained herein at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any
implied warranties of merchantability or fitness for a particular purpose. The dimensions in this catalog are for reference purposes only and are subject to change without
notice. Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications.
1-1773924-2 FS 6/2017
LUMAWISE LED HOLDERS TYPE Z35
te.com
USA: +1 (800) 522-6752
Canada: +1 (905) 475-6222
Mexico: +52 (0) 55-1106-0800
Latin/S. America: +54 (0) 11-4733-2200
Germany: +49 (0) 6251-133-1999
UK: +44 (0) 800-267666
France: +33 (0) 1-3420-8686
The Netherlands: +31 (0) 73-6246-999
China: +86 (0) 400-820-6015
This drawing is subject to change. For latest version, please visit TE.com.
Dimensions
Part Number
Description
Attachment
2213929-3
Z35 MINI LED HOLDER 19*19 (A) PANHEAD*
Pan Head Screw
2213929-4
Z35 MINI LED HOLDER 19*19 (A) CSK*
Counter Sunk Screw
2213929-7
Z35 MINI LED HDR 19*19 (B) PANHEAD*
Pan Head Screw
2213929-8
Z35 MINI LED HDR 19*19 (B) CSK*
Counter Sunk Screw
Part Number
Description
Attachment
2213929-5
Z35 MINI LED HOLDER 16*19 PANHEAD
Pan Head Screw
2213929-6
Z35 MINI LED HOLDER 16*19 CSK
Counter Sunk Screw
Product Selection Information
*(A) vs. (B) - See product drawing for information
All dimensions are in mm


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn