Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74ALS166 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74ALS166
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS166 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALS166 Datasheet HTML 1Page - Texas Instruments SN74ALS166 Datasheet HTML 2Page - Texas Instruments SN74ALS166 Datasheet HTML 3Page - Texas Instruments SN74ALS166 Datasheet HTML 4Page - Texas Instruments SN74ALS166 Datasheet HTML 5Page - Texas Instruments SN74ALS166 Datasheet HTML 6Page - Texas Instruments SN74ALS166 Datasheet HTML 7Page - Texas Instruments SN74ALS166 Datasheet HTML 8Page - Texas Instruments SN74ALS166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN74ALS166
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SDAS156D – APRIL 1982 – REVISED AUGUST 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT FOR OUTPUT UNDER TEST
TEST TABLE FOR SYNCHRONOUS INPUTS
SH/LD
H0 V
4.5 V
QH at tn + 1
QH at tn + 1
VOLTAGE WAVEFORMS
RL = 500 Ω
CL = 50 pF
(see Note A)
From Output
Under Test
Test
Point
3.5 V
0.3 V
3.5 V
0.3 V
3.5
0.3 V
VOH
VOL
tw(clear)
1.3 V
1.3 V
tn + 1 (see Note D)
tn
tn
tn + 1
tw(CLK)
tsu
th
CLR
(see Note C)
CLK
(see Note E)
Data Input
(see Test Table)
Output QH
tPHL
tPLH
tPHL
Serial input
DATA INPUT
FOR TEST
OUTPUT TESTED
(see Note B)
1.3 V
1.3 V
1.3 V
tsu
th
1.3 V
1.3 V
1.3 V
1.3 V
NOTES: A. CL includes probe and jig capacitance.
B. Propagation delay times (tPLH and tPHL) are measured at tn+1. Proper shifting of data is verified at tn+8 with a functional test.
C. A clear pulse is applied prior to each test.
D. tn = bit time before clocking transition, tn+1 = bit time after one clocking transition, and tn+8 = bit time after eight clocking transitions.
E. The clock pulse has the following characteristics: tw(clock) ≤ 20 ns and PRR = 1 MHz. The clear pulse has the following
characteristics: tw(clear) ≤ 20 ns.
F. All pulse generators have the following characteristics: ZO ≈ 50 Ω; tr = tf = 2 ns. Duty cycle = 50% when testing fmax.
1.3 V
Figure 1. Load Circuit and Voltage Waveforms


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74HC166Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74HC165-Q18-BIT PARALLEL-LOAD SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
MM74C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreFairchild Semiconductor
HD74LV165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74AC165Parallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn