Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI91842DT-35-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI91842DT-35-T1
Description  150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91842DT-35-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI91842DT-35-T1 Datasheet HTML 1Page - Vishay Siliconix SI91842DT-35-T1 Datasheet HTML 2Page - Vishay Siliconix SI91842DT-35-T1 Datasheet HTML 3Page - Vishay Siliconix SI91842DT-35-T1 Datasheet HTML 4Page - Vishay Siliconix SI91842DT-35-T1 Datasheet HTML 5Page - Vishay Siliconix SI91842DT-35-T1 Datasheet HTML 6Page - Vishay Siliconix SI91842DT-35-T1 Datasheet HTML 7Page - Vishay Siliconix SI91842DT-35-T1 Datasheet HTML 8Page - Vishay Siliconix SI91842DT-35-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Si91842/4
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71732
S-20478—Rev. C, 01-Apr-02
PIN CONFIGURATION
SD
3
2
SOT-23, 5-Lead
1
4
5
VIN
GND
VOUT
ERROR
PIN DESCRIPTION
Pin Number
Name
Function
1
VIN
Input supply pin. Bypass this pin with a 1-
mF ceramic or tantalum capacitor to ground
2
GND
Ground pin. For better thermal capability, directly connected to large ground plane
3
SD
By applying less than 0.4 V to this pin, the device will be turned off. Connect this pin to VIN if unused
4
ERROR
The open drain output is an error flag output which goes low when VOUT drops 4% below its nominal voltage.
5
VOUT
Output voltage. Connect COUT between this pin and ground.
ORDERING INFORMATION
Si91842
Si91844
Part Number
Marking
Voltage
Temp.
Range
Pkg.
Part Number
Marking
Voltage
Temp.
Range
Pkg.
Si91842DT-12-T1b
J8LLL
1.2
Si91844DT-18-T1
F6LLL
1.8
Si91842DT-18-T1
C8LLL
1.8
Si91844DT-20-T1
F7LLL
2.0
Si91842DT-20-T1
C9LLL
2.0
Si91844DT-22-T1
F8LLL
2.2
Si91842DT-22-T1
C0LLL
2.2
Si91844DT-25-T1
F9LLL
2.5
Si91842DT-25-T1
D1LLL
2.5
Si91844DT-26-T1
F0LLL
2.6
Si91842DT-26-T1
D2LLL
2.6
Si91844DT-27-T1
G1LLL
2.7
Si91842DT-27-T1
D3LLL
2.7
Si91844DT-28-T1
G2LLL
2.8
_
Si91842DT-28-T1
D4LLL
2.8
–40 to 85
_C
SOT23-5
Si91844DT-285-T1
G3LLL
2.85
–40 to 85
_C
SOT23-5
Si91842DT-285-T1
D5LLL
2.85
Si91844DT-29-T1
G4LLL
2.9
Si91842DT-29-T1
D6LLL
2.9
Si91844DT-30-T1
G5LLL
3.0
Si91842DT-30-T1
D7LLL
3.0
Si91844DT-33-T1
G6LLL
3.3
Si91842DT-33-T1
D8LLL
3.3
Si91844DT-35-T1
G7LLL
3.5
Si91842DT-35-T1
D9LLL
3.5
Si91844DT-36-T1
G8LLL
3.6
Si91842DT-36-T1
D0LLL
3.6
Si91844DT-50-T1
G9LLL
5.0
Si91842DT-50-T1
E1LLL
5.0
Notes:
a.
LLL = Lot Code
b.
Advanced Information, available March 2002.


Similar Part No. - SI91842DT-35-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-18-T1 VISHAY-SI91841DT-18-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-20-T1 VISHAY-SI91841DT-20-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-22-T1 VISHAY-SI91841DT-22-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-25-T1 VISHAY-SI91841DT-25-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
More results

Similar Description - SI91842DT-35-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com