Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81274MNTXG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP81274MNTXG
Description  Phase Buck Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81274MNTXG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP81274MNTXG Datasheet HTML 1Page - ON Semiconductor NCP81274MNTXG Datasheet HTML 2Page - ON Semiconductor NCP81274MNTXG Datasheet HTML 3Page - ON Semiconductor NCP81274MNTXG Datasheet HTML 4Page - ON Semiconductor NCP81274MNTXG Datasheet HTML 5Page - ON Semiconductor NCP81274MNTXG Datasheet HTML 6Page - ON Semiconductor NCP81274MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81274MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81274MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2017
June, 2017 − Rev. 14
1
Publication Order Number:
NCP81274/D
NCP81274
8/7/6/5/4/3/2/1 Phase Buck
Controller with PWM_VID
and I2C Interface
The NCP81274 is a multiphase synchronous controller optimized
for new generation computing and graphics processors. The device is
capable of driving up to 8 phases and incorporates differential voltage
and phase current sensing, adaptive voltage positioning and
PWM_VID interface to provide and accurately regulated power for
computer or graphic controllers. The integrated power saving
interface (PSI) allows for the processors to set the controller in one of
three modes, i.e. all phases on, dynamic phases shedding or fixed low
phase count mode, to obtain high efficiency in light-load conditions.
The dual edge PWM multiphase architecture ensures fast transient
response and good dynamic current balance.
Features
Compliant with NVIDIA® OVR4+ Specifications
Supports Up to 8 Phases
4.5 V to 20 V Supply Voltage Range
250 kHz to 1.2 MHz Switching Frequency (8 Phase)
Power Good Output
Under Voltage Protection (UVP)
Over Voltage Protection (OVP)
Over Current Protection (OCP)
Per Phase Over Current Protection
Startup into Pre-Charged Loads while Avoiding False OVP
Configurable Adaptive Voltage Positioning (AVP)
High Performance Operational Error Amplifier
True Differential Current Balancing Sense Amplifiers for Each
Phase
Phase-to-Phase Dynamic Current Balancing
Current Mode Dual Edge Modulation for Fast Initial Response to
Transient Loading
Power Saving Interface (PSI)
Automatic Phase Shedding with User Settable Thresholds
PWM_VID and I2C Control Interface
Compact 40 Pin QFN Package (5 × 5 mm Body, 0.4 mm Pitch)
This Device is Pb-Free and is RoHS Compliant
Typical Applications
GPU and CPU Power
Graphic Cards
Desktop and Notebook Applications
MARKING DIAGRAM
QFN40
CASE 485CR
www.onsemi.com
40
1
NCP
81274
AWLYYWW
G
G
1
NCP81274 = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
(Note: Microdot may be in either location)
ON
PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
REFIN
VREF
VRMP
PWM8/SS
PWM7/OCP
PWM6/LPC1
PWM5/LPC2
PWM4/PHTH1
PWM3/PHTH2
PWM2/PHTH3
COMP
FB
DIFF
FSW
LLTH/I2C_ADD
IOUT
ILIM
CSCOMP
CSSUM
CSREF
NCP81274
(TOP VIEW)
Tab: GROUND
Device
Package
Shipping
ORDERING INFORMATION
NCP81274MNTXG
QFN40
(Pb-Free)
5000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - NCP81274MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81274MNTXG ONSEMI-NCP81274MNTXG Datasheet
250Kb / 26P
   Phase Buck Controller
September, 2016 ??Rev. 11
More results

Similar Description - NCP81274MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81276 ONSEMI-NCP81276 Datasheet
203Kb / 25P
   Phase Buck Controller
September, 2017 ??Rev. 10
NCP81274 ONSEMI-NCP81274 Datasheet
250Kb / 26P
   Phase Buck Controller
September, 2016 ??Rev. 11
CS5304 ONSEMI-CS5304 Datasheet
247Kb / 19P
   Three-Phase Buck Controller
September, 2011 ??Rev. 0
logo
International Rectifier
CHL8203 IRF-CHL8203_15 Datasheet
329Kb / 2P
   Digital Multi-Phase Buck Controller
CHL8316 IRF-CHL8316_15 Datasheet
294Kb / 2P
   Digital Multi-Phase Buck Controller
IR3541A IRF-IR3541A_15 Datasheet
381Kb / 3P
   Digital Multi-Phase Buck Controller
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
International Rectifier
CHL8102 IRF-CHL8102_15 Datasheet
303Kb / 2P
   Digital Multi-Phase Buck Controller
CHL8318 IRF-CHL8318_15 Datasheet
194Kb / 4P
   DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318-20 IRF-CHL8318-20_15 Datasheet
286Kb / 2P
   Digital Multi-Phase Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com