Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP81243 Datasheet(PDF) 23 Page - ON Semiconductor

Part No. NCP81243
Description  Dual Output 3 & 2 Phase Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81243 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button NCP81243_17 Datasheet HTML 18Page - ON Semiconductor NCP81243_17 Datasheet HTML 19Page - ON Semiconductor NCP81243_17 Datasheet HTML 20Page - ON Semiconductor NCP81243_17 Datasheet HTML 21Page - ON Semiconductor NCP81243_17 Datasheet HTML 22Page - ON Semiconductor NCP81243_17 Datasheet HTML 23Page - ON Semiconductor NCP81243_17 Datasheet HTML 24Page - ON Semiconductor NCP81243_17 Datasheet HTML 25Page - ON Semiconductor NCP81243_17 Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
NCP81243
www.onsemi.com
23
Protection Features
Under Voltage Lockouts
There are several under voltage monitors in the system.
Hysteresis
is
incorporated
within
the
comparators.
NCP81243 monitors the 5 V VCC supply. The gate driver
monitors both the gate driver VCC and the BST voltage.
When the voltage on the gate driver is insufficient it will pull
DRON low and prevents the controller from being enabled.
The gate driver will hold DRON low for a minimum period
of time to allow the controller to hold off it’s startup
sequence. In this case the PWM is set to the MID state to
begin soft start.
DAC
Gate Driver Pulls DRON
Low during driver UVLO
and Calibration
If DRON is pulled low the
controller will hold off its
startup
Figure 8. Gate Driver UVLO Restart
Start Up Sequence
Following the rise of Vcc and VRMP above the UVLO
thresholds, externally programmed data is collected. After
the configuration data is collected, the PWMs will be set to
2.0 V MID state to indicate that the drivers should be in
diode mode. When the device is enabled DRON will then be
asserted high to activate the gates, please note that there is
only one Enable pin, once this enable is pulled high both the
main and Auxiliary rail is enabled at this time. A digital
counter steps the DAC up from Zero to the target voltage
level based on the soft start slew rate selected. As the DAC
ramps the PWM outputs for each rail will begin to fire. Each
phase will move out of the MID state when the first PWM
pulse is produced. When the controller is disabled the PWM
signal will return to the MID state. When the controller is
disabled, the PWM signals will return to Mid – level.
Figure 9. Startup Operation


Similar Part No. - NCP81243_17

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP81243MNTXG ONSEMI-NCP81243MNTXG Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
More results

Similar Description - NCP81243_17

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
Linear Technology
Linear Technology
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
ON Semiconductor
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
International Rectifier
International Rectifier
IR35204 IRF-IR35204 Datasheet
1Mb / 61P
   31 Dual Output Digital Multi-Phase Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz