Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP81243 Datasheet(PDF) 20 Page - ON Semiconductor

Part No. NCP81243
Description  Dual Output 3 & 2 Phase Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81243 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button NCP81243_17 Datasheet HTML 16Page - ON Semiconductor NCP81243_17 Datasheet HTML 17Page - ON Semiconductor NCP81243_17 Datasheet HTML 18Page - ON Semiconductor NCP81243_17 Datasheet HTML 19Page - ON Semiconductor NCP81243_17 Datasheet HTML 20Page - ON Semiconductor NCP81243_17 Datasheet HTML 21Page - ON Semiconductor NCP81243_17 Datasheet HTML 22Page - ON Semiconductor NCP81243_17 Datasheet HTML 23Page - ON Semiconductor NCP81243_17 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
NCP81243
www.onsemi.com
20
F
Z +
DCR@25C
2
@ PI @ L
Phase
Programming the Current Limit
The current limit thresholds are programmed with a
resistor between the ILIMIT and CSCOMP pins. The
ILIMIT pin mirrors the voltage at the CSREF pin and
mirrors the sink current internally to IOUT (reduced by the
IOUT Current Gain) and the current limit comparators. The
100% current limit trips if the ILIMIT sink current exceeds
10
mA for 50 ms. The 150% current limit trips with minimal
delay if the ILIMIT sink current exceeds 15
mA. Set the
value of the current limit resistor based on the
CSCOMP−CSREF voltage as shown below.
R
LIMIT +
Rcs2
) Rcs1@Rth
Rcs1
)Rth
Rph
@ Iout
LIMIT @ DCR
10
m
or
R
LIMIT +
V
CSCOMP−CSREF @ ILIMIT
10
m
Programming DAC Feed−Forward Filter
The DAC feed−forward implementation is realized by
having a filter on the VSN pin. Programming Rvsn sets the
gain of the DAC feed−forward and Cvsn provides the time
constant to cancel the time constant of the system per the
following equations. Cout is the total output capacitance and
Rout is the output impedance of the system.
Rvsn
+ Cout @ Rout @ 453.6 @ 106
Cvsn
+ Rout @ Cout
Rvsn
Programming DROOP
An output loadline is a power supply characteristic
wherein the regulated (DC) output voltage decreases
proportional to the load current. This characteristic can
reduce the output capacitance required to maintain output
voltage within limits during load transient faster than those
to which the regulation loop can respond. With the
NCP81243 and projects the loadline is produced by adding
a signal proportional to output load current (Vdroop) to the
output voltage feedback signal− thereby satisfying the
voltage regulator at an output voltage reduced proportional
to load current.
The loadline is programmed by setting the gain of the
Total Current Sense Amplifier such that the total current
signal is equal to the desired output voltage droop.The
signals CSCOMP and CSREF are differentially summed
with the output voltage feedback to add precision voltage
droop to the output voltage.
Droop = DCR * (RCS / Rph)
Programming IOUT
The IOUT pin sources a current in proportion to the
ILIMIT sink current. The voltage on the IOUT pin is
monitored by the internal A/D converter and should be
scaled with an external resistor to ground such that a load
equal to ICCMAX generates a 2 V signal on IOUT. A
pull−up resistor from 5 V VCC can be used to offset the
IOUT signal positive if needed.
R
IOUT +
2.0 V
@ R
LIMIT
10
@
Rcs2
) Rcs1@Rth
Rcs1
)Rth
Rph
@ Iout
ICC_MAX @ DCR
Programming ICC_MAX
A resistor to ground on the IMAX pin programs these
registers at the time the part is enabled. 10 uA is sourced
from these pins to generate a voltage on the program resistor.
ICC_MAX
21h +
R
@ 10 mA @ 255 A
2V
Programming TSENSE
A temperature sense input per rail is provided. A precision
current is sourced out the output of the TSENSE pin to
generate a voltage on the temperature sense network. The
voltage on the temperature sense inputs are sampled by the
internal A/D converter. A 100 k NTC similar to the VISHAY
ERT−J1VS104JA should be used. Rcomp1 is optional to the
user, and can be used to slightly change the hysteresis. See
the specification table for the thermal sensing voltage
thresholds and source current.


Similar Part No. - NCP81243_17

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP81243MNTXG ONSEMI-NCP81243MNTXG Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
More results

Similar Description - NCP81243_17

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
Linear Technology
Linear Technology
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
ON Semiconductor
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
International Rectifier
International Rectifier
IR35204 IRF-IR35204 Datasheet
1Mb / 61P
   31 Dual Output Digital Multi-Phase Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz