Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP81243 Datasheet(PDF) 18 Page - ON Semiconductor

Part No. NCP81243
Description  Dual Output 3 & 2 Phase Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81243 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button NCP81243_17 Datasheet HTML 14Page - ON Semiconductor NCP81243_17 Datasheet HTML 15Page - ON Semiconductor NCP81243_17 Datasheet HTML 16Page - ON Semiconductor NCP81243_17 Datasheet HTML 17Page - ON Semiconductor NCP81243_17 Datasheet HTML 18Page - ON Semiconductor NCP81243_17 Datasheet HTML 19Page - ON Semiconductor NCP81243_17 Datasheet HTML 20Page - ON Semiconductor NCP81243_17 Datasheet HTML 21Page - ON Semiconductor NCP81243_17 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
NCP81243
www.onsemi.com
18
VBOOT and Intel proprietary interface Address Programming
The NCP81243 has a VBOOT voltage register that can be
externally programmed for both core and Auxiliary boot−up
output voltages. The VBOOT voltage for main and auxiliary
rails can be programmed with a resistor from VBOOT and
VBOOTA pin to GND. In addition to VBOOT level, pin 28
and pin 29 also support Intel proprietary interface bus
address programming. The NCP81243 support multiple
Intel proprietary interface Device Addresses per rail. Pin 28
(VBOOT/ADDR) is used to set the address for the main rail,
pin 29 (VBOOTA/ADDRA) is used to address the Auxiliary
rail. On power up a 10
mA current is sourced from these pins
through a resistor connected to this pin and the resulting
voltage is measured. Table 7 shows the resistor values that
should be used and the corresponding Intel proprietary
interface and VBOOT options for each rail.
Pin 28 (VBOOT/ADDR) Resistor
LEVEL
VBOOT
Address
Auto Phase Shedding Disabling
10000
1
0
0
No
15000
2
0
0
Yes
21000
3
1.2
0
no
26700
4
0.9
0
No
33200
5
0
1
No
41200
6
0
1
Yes
49900
7
1.2
1
No
60400
8
0.9
1
No
71500
9
0
2
No
84500
10
0
2
Yes
97600
11
1.2
2
No
115000
12
1.5
2
No
133000
13
0
4
No
154000
14
0
4
Yes
178000
15
1.2
4
No
210000
16
1.5
4
No
Table 7. VBOOT, ADDRESS PROGRAMMABILITY MAIN AND AUX RAILS
Pin 27 (VBOOTA/ADDRA) Resistor
LEVEL
VBOOT AUX
Address AUX
10000
1
0
1
13000
2
1.05
1
15800
3
1.2
1
20000
4
0.9
1
23700
5
0
0
28000
6
1.05
0
33200
7
1.2
0
38300
8
0.9
0
45000
9
0
2
52300
10
1.05
2
60400
11
1.2
2
69800
12
1.5
2
80600
13
0
3
93100
14
1.05
3
107000
15
1.2
3
121000
16
1.5
3
137000
17
0.8
2
158000
18
0.95
2
180000
19
0.8
3
210000
20
0.95
3


Similar Part No. - NCP81243_17

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP81243MNTXG ONSEMI-NCP81243MNTXG Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
More results

Similar Description - NCP81243_17

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
Linear Technology
Linear Technology
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
ON Semiconductor
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
International Rectifier
International Rectifier
IR35204 IRF-IR35204 Datasheet
1Mb / 61P
   31 Dual Output Digital Multi-Phase Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz