Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81243 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP81243
Description  Dual Output 3 & 2 Phase Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81243 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP81243_17 Datasheet HTML 7Page - ON Semiconductor NCP81243_17 Datasheet HTML 8Page - ON Semiconductor NCP81243_17 Datasheet HTML 9Page - ON Semiconductor NCP81243_17 Datasheet HTML 10Page - ON Semiconductor NCP81243_17 Datasheet HTML 11Page - ON Semiconductor NCP81243_17 Datasheet HTML 12Page - ON Semiconductor NCP81243_17 Datasheet HTML 13Page - ON Semiconductor NCP81243_17 Datasheet HTML 14Page - ON Semiconductor NCP81243_17 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
NCP81243
www.onsemi.com
11
Table 4. NCP81243 (3+2) ELECTRICAL CHARACTERISTICS
Unless otherwise stated: −40
°C < TA < 100°C; 4.75 V < VCC < 5.25 V; CVCC = 0.1 mF
Parameter
Unit
Max
Typ
Min
Test Conditions
BIAS SUPPLY
VCC Quiescent Current
PS2
50
mA
VCC Quiescent Current
PS3
20
mA
VCC Quiescent Current
PS4 (25
°C only)
230
mA
VCC Quiescent Current
Enable low
45
mA
UVLO Threshold
VCC rising
4.5
V
VCC falling
4
VCC UVLO Hysteresis
200
mV
VRMP
Supply Range
4.5
20
V
UVLO Threshold
VRMP rising
4.2
V
VRMP falling
3
VCC UVLO Hysteresis
700
mV
DAC SLEW RATE
Soft Start Slew Rate
1/2 SR Fast
mv/
ms
Slew Rate Slow
1/2 SR Fast
mv/
ms
Slew Rate Fast
>10
mv/
ms
AUX Soft Start Slew Rate
1/2 SR Fast
mv/
ms
AUX Slew Rate Slow
1/2 SR Fast
mv/
ms
AUX Slew Rate Fast
>10
mv/
ms
ENABLE INPUT
Enable High Input Leakage Current
Enable = 0
−1
0
1.0
mA
Upper Threshold
VUPPER
0.8
V
Lower Threshold
VLOWER
0.3
V
Enable Delay Time
Measure time from Enable transitioning HI,
VBOOT is not 0 V
2.5
ms
DRON
Output High Voltage
Sourcing 500
mA
3.0
V
Output Low Voltage
Sinking 500
mA
0.1
V
Pull Up Resistances
2.0
k
W
Rise/Fall Time
CL (PCB) = 20 pF,
DVo = 10% to 90%
160
ns
Internal Pull Down Resistance
VCC = 0 V
70
k
W
IOUT /IOUTA OUTPUT
Input Referred Offset Voltage
Ilimit to CSREF
−3
+3
mV
Output current max
Ilimit sink current 80
mA
800
mA
Current Gain
(Iout current)/(Ilimit Current)
Rlim = 20 K, Riout = 5 K
DAC = 0.8 V, 1.25 V, 1.52 V
9.5
10
10.5
OSCILLATOR
Switching Frequency Range
300
1400
KHz
Switching Frequency Accuracy
300 KHz < Fsw < 1.4 MHz
−10
10
%
3 Phase Operation
350
390
430
kHz
OUTPUT OVER VOLTAGE & UNDER VOLTAGE PROTECTION (OVP & UVP)
Over Voltage Threshold During
Soft−Start
2.5
V


Similar Part No. - NCP81243_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81243MNTXG ONSEMI-NCP81243MNTXG Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
More results

Similar Description - NCP81243_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Renesas Technology Corp
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
   Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
logo
Linear Technology
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com