Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP81243 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP81243
Description  Dual Output 3 & 2 Phase Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81243 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP81243_17 Datasheet HTML 3Page - ON Semiconductor NCP81243_17 Datasheet HTML 4Page - ON Semiconductor NCP81243_17 Datasheet HTML 5Page - ON Semiconductor NCP81243_17 Datasheet HTML 6Page - ON Semiconductor NCP81243_17 Datasheet HTML 7Page - ON Semiconductor NCP81243_17 Datasheet HTML 8Page - ON Semiconductor NCP81243_17 Datasheet HTML 9Page - ON Semiconductor NCP81243_17 Datasheet HTML 10Page - ON Semiconductor NCP81243_17 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
NCP81243
www.onsemi.com
7
NCP81243
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
CSP1
CSN1
TSENSE
ICCMAX
DRVON
PWM1
PWM2
PWM3
PWM2A
PWM1A
ICCMAXA
VBOOT/ADDR
VBOOTA/ADDRA
IOUT
EN
SDIO
ALERT#
SCLK
VRDY
VCC
ROSC
VRMP
PH/FDm/FDa/SR
TSENSEA
VRHOT
IOUTA
Figure 6.
Table 1. QFN52 PIN LIST DESCRIPTION
Pin No.
Symbol
Description
1
IOUT
Total output current for Main Rail.
2
EN
Logic input. Logic high enables both rail output and logic low disables both rail output.
3
SDIO
Serial VID data interface
4
ALERT#
Serial VID ALERT#.
5
SCLK
Serial VID clock
6
VRDY
Open drain output. High output on this pin indicates that the Main Rail output is regulating.
7
VCC
Power for the internal control circuits. A decoupling capacitor is connected from this pin to ground.
8
ROSC
A resistor to ground on this pin will set the oscillator frequency
9
VRMP
Feed−forward input of Vin for the ramp slope compensation. The current fed into this pin is used
to control of the ramp of PWM slope
10
PH/FDm/FDa/SR
A resistor to ground on startup is used to set the phase configuration per rail of the NCP81243 as
well as the Fast slew rate
11
TSenseA
Temp Sense input for Auxiliary rail
12
VR_HOT
Open drain output. Signals an over temperature event has occurred
13
IOUTA
Total output current for the Auxiliary rail.
14
VSNA
Differential Output Voltage Sense Negative for auxiliary rail
15
VSPA
Differential Output Voltage Sense Positive for auxiliary rail
16
DIFFA
Output of the auxiliary rail differential remote sense amplifier.
17
FBA
Error amplifier voltage feedback for auxiliary rail output
18
COMPA
Output of the error amplifier and the inverting inputs of the PWM comparators for the auxiliary rail
output.
19
CSCOMPA
Output of total current sense amplifier for auxiliary rail output.
20
ILIMA
Over current shutdown threshold setting for auxiliary rail l output. Resistor to CSCOMP to set
threshold.
21
CSSUMA
Inverting input of total current sense amplifier for auxiliary rail output.
22
CSREFA
Total output current sense amplifier reference voltage input for auxiliary rail
23
CSP2A
Non−inverting input to current balance sense amplifier for phase 2 A
24
CSN2A
Inverting input to current balance sense amplifier for phase 2 A
25
CSP1A
Non−inverting input to current balance sense amplifier for phase 1 A
26
CSN1A
Inverting input to current balance sense amplifier for phase 1 A


Similar Part No. - NCP81243_17

ManufacturerPart #DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP81243MNTXG ONSEMI-NCP81243MNTXG Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
More results

Similar Description - NCP81243_17

ManufacturerPart #DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
Linear Technology
Linear Technology
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
ON Semiconductor
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
International Rectifier
International Rectifier
IR35204 IRF-IR35204 Datasheet
1Mb / 61P
   31 Dual Output Digital Multi-Phase Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com