Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP81243 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP81243
Description  Dual Output 3 & 2 Phase Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81243 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP81243_17 Datasheet HTML 2Page - ON Semiconductor NCP81243_17 Datasheet HTML 3Page - ON Semiconductor NCP81243_17 Datasheet HTML 4Page - ON Semiconductor NCP81243_17 Datasheet HTML 5Page - ON Semiconductor NCP81243_17 Datasheet HTML 6Page - ON Semiconductor NCP81243_17 Datasheet HTML 7Page - ON Semiconductor NCP81243_17 Datasheet HTML 8Page - ON Semiconductor NCP81243_17 Datasheet HTML 9Page - ON Semiconductor NCP81243_17 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NCP81243
www.onsemi.com
6
Figure 5. Pinout
PWM1
PWM2
PWM3
PWM1A
PWM2A
12V
Vcore
V Auxiliary
SDA
ALERT
SCLK
VR_RDY
ENABLE
VRHOT
ROSC
PH_CONFIG
COMP
FB
DIFFOUT
ILIM
CSCOMP
CSSUM
COMP
FB
DIFFOUT
ILIM
CSCOMP
CSSUM
VRMP
GND
VCC
5V
DRON
IOUT
IOUTA
CSREF
CSREFA
TSENSE
TSENSEA


Similar Part No. - NCP81243_17

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP81243MNTXG ONSEMI-NCP81243MNTXG Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
More results

Similar Description - NCP81243_17

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
Linear Technology
Linear Technology
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
ON Semiconductor
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
International Rectifier
International Rectifier
IR35204 IRF-IR35204 Datasheet
1Mb / 61P
   31 Dual Output Digital Multi-Phase Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz