Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1034 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1034
Description  Synchronous PWM Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1034 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1034 Datasheet HTML 6Page - ON Semiconductor NCP1034 Datasheet HTML 7Page - ON Semiconductor NCP1034 Datasheet HTML 8Page - ON Semiconductor NCP1034 Datasheet HTML 9Page - ON Semiconductor NCP1034 Datasheet HTML 10Page - ON Semiconductor NCP1034 Datasheet HTML 11Page - ON Semiconductor NCP1034 Datasheet HTML 12Page - ON Semiconductor NCP1034 Datasheet HTML 13Page - ON Semiconductor NCP1034 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
NCP1034
www.onsemi.com
10
TYPICAL OPERATING CHARACTERISTICS
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 16. Driver Pulldown Resistance
DRVVCC = VB = 10 V
12 V
18 V
−0.3
−0.29
−0.28
−0.27
−0.26
−0.25
−0.24
−0.23
−0.22
−0.21
−0.2
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 17. OCP @ R8 = 10 kW, ROCIN = 10 kW
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 18. POSOCP @ R8 = 10 kW,
ROCIN = 10 kW


Similar Part No. - NCP1034

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034 Datasheet
294Kb / 23P
   100V Synchronous PWM Buck Controller
August, 2008 ??Rev. 2
NCP1034DR2G ONSEMI-NCP1034DR2G Datasheet
294Kb / 23P
   100V Synchronous PWM Buck Controller
August, 2008 ??Rev. 2
NCP1034DR2G ONSEMI-NCP1034DR2G Datasheet
260Kb / 24P
   100V Synchronous PWM Buck Controller
September, 2015 ??Rev. 7
NCP1034 ONSEMI-NCP1034_15 Datasheet
260Kb / 24P
   100V Synchronous PWM Buck Controller
September, 2015 ??Rev. 7
More results

Similar Description - NCP1034

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com