Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28632DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28632DR
Description  High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28632DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28632DR Datasheet HTML 2Page - Texas Instruments UCC28632DR Datasheet HTML 3Page - Texas Instruments UCC28632DR Datasheet HTML 4Page - Texas Instruments UCC28632DR Datasheet HTML 5Page - Texas Instruments UCC28632DR Datasheet HTML 6Page - Texas Instruments UCC28632DR Datasheet HTML 7Page - Texas Instruments UCC28632DR Datasheet HTML 8Page - Texas Instruments UCC28632DR Datasheet HTML 9Page - Texas Instruments UCC28632DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
6
UCC28630, UCC28631
UCC28632, UCC28633, UCC28634
SLUSBW3D – MARCH 2014 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: UCC28630 UCC28631 UCC28632 UCC28633 UCC28634
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability. These are stress ratings only and functional operation of
the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. All voltages
are with respect to GND. These ratings apply over the junction operating temperature ranges unless otherwise noted.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
Start-up pin voltage
HV
700
V
Bias supply voltage
VDD
20
Current sense input
voltage
CS
–0.3
1.5
All other input pins
VSENSE
–0.3
VDD
SD
–0.3
VDD
Operating junction temperature range, TJ
–40
125
°C
Storage temperature, Tstg
-65
125
Lead temperature
260
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges
into the device.
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±500 V may actually have higher performance.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge(1)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(2)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(3)
±500
7.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
CS input
0
1.0
V
All other inputs (except HV, CS)
0
VDD
SD pin external capacitance
0
1
nF
RHV, external resistor on HV pin, see Figure 15
180
200
220
RP, external pull-up resistor on VSENSE pin, see Figure 21
3.8
3.9
4.0


Similar Part No. - UCC28632DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28632DR TI-UCC28632DR Datasheet
3Mb / 79P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
More results

Similar Description - UCC28632DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28630 TI1-UCC28630 Datasheet
3Mb / 68P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI-UCC28632_15 Datasheet
3Mb / 79P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
   Low-Power Off-line Primary Side Regulation Controller
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com