Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSEZ1317WA Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSEZ1317WA
Description  Primary-Side-Regulation PWM POWER MOSFET Integrated
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSEZ1317WA Datasheet(HTML) 2 Page - ON Semiconductor

  FSEZ1317WA Datasheet HTML 1Page - ON Semiconductor FSEZ1317WA Datasheet HTML 2Page - ON Semiconductor FSEZ1317WA Datasheet HTML 3Page - ON Semiconductor FSEZ1317WA Datasheet HTML 4Page - ON Semiconductor FSEZ1317WA Datasheet HTML 5Page - ON Semiconductor FSEZ1317WA Datasheet HTML 6Page - ON Semiconductor FSEZ1317WA Datasheet HTML 7Page - ON Semiconductor FSEZ1317WA Datasheet HTML 8Page - ON Semiconductor FSEZ1317WA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
January 2013
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSEZ1317WA • Rev. 1.0.2
FSEZ1317WA
Primary-Side-Regulation PWM with POWER MOSFET
Integrated
Features
Low Standby Power Under 30 mW
High-Voltage Startup
Fewest External Component Counts
Constant-Voltage (CV) and Constant-Current (CC)
Control without Secondary-Feedback Circuitry
Green-Mode: Linearly Decreasing PWM Frequency
Fixed PWM Frequency at 50 kHz with Frequency
Hopping to Solve EMI Problem
Cable Compensation in CV Mode
Peak-Current-Mode Control in CV Mode
Cycle-by-Cycle Current Limiting
VDD Over-Voltage Protection with Auto Restart
VDD Under-Voltage Lockout (UVLO)
Gate Output Maximum Voltage Clamped at 15 V
Fixed Over-Temperature Protection with
Auto Restart
Available in the 7-Lead SOP
Applications
Battery chargers for cellular phones, cordless
phones, PDA, digital cameras, power tools, etc.
Replaces linear transformers and RCC SMPS
Description
This third-generation Primary Side Regulation (PSR)
and highly integrated PWM controller provides several
features to enhance the performance of low-power
flyback
converters.
The
proprietary
topology,
TRUECURRENT
®, of FSEZ1317WA enables precise
CC regulation and simplified circuit design for battery-
charger applications. A low-cost, smaller, and lighter
charger results, as compared to a conventional design
or a linear transformer.
To
minimize
standby
power
consumption,
the
proprietary green mode provides off-time modulation to
linearly decrease PWM frequency under light-load
conditions. Green mode assists the power supply in
meeting power conservation requirements.
By using the FSEZ1317WA, a charger can be
implemented with few external components and
minimized cost. A typical output CV/CC characteristic
envelope is shown in Figure 1.
Figure 1. Typical Output V-I Characteristic
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FSEZ1317WAMY
-40°C to +105°C
7-Lead, Small Outline Package (SOP-7)
Tape & Reel


Similar Part No. - FSEZ1317WA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317 FAIRCHILD-FSEZ1317 Datasheet
963Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317AMY_F116 FAIRCHILD-FSEZ1317AMY_F116 Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
More results

Similar Description - FSEZ1317WA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1216 FAIRCHILD-FSEZ1216_09 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1016A ONSEMI-FSEZ1016A Datasheet
740Kb / 7P
   Primary-Side-Regulation PWM Integrated Power MOSFET
Rev. 1.0.3
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A_10 Datasheet
577Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1016A FAIRCHILD-FSEZ1016A Datasheet
602Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216 FAIRCHILD-FSEZ1216 Datasheet
539Kb / 14P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1317 FAIRCHILD-FSEZ1317 Datasheet
963Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com