Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900AIRVCTQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS254900AIRVCTQ1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS254900AIRVCTQ1 Datasheet(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
VCS Voltage (V)
0
0.5
1
1.5
2
2.5
180
200
220
240
260
280
300
320
D020
IOUT = 2.1 A
IOUT = 2.4 A
IOUT = 3 A
Junction Temperature (qC)
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
50
100
150
200
250
300
D017
IOUT = 1 A
IOUT = 2.1 A
IOUT = 2.4 A
IOUT = 3 A
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
200
220
240
260
280
300
320
340
D018
IOUT = 2.1 A
IOT = 2.4 A
IOUT = 3 A
11
TPS254900A-Q1
www.ti.com
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, V(IN) = 5 V, V(EN) = 5 V, V(CTL1) = V(CTL2) = 5 V, FAULT and STATUS connect to V(IN) via a 10-kΩ pullup resistor
(unless stated otherwise)
VIN = 6.5 V
Figure 13. I(CS) vs V(CS) Voltage
VIN = 5 V
V(IMON) = 25 V
Figure 14. I(IMON) vs Temperature
VIN = 4.5 V
Figure 15. I(IMON) vs V(CS) Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn