Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900AIRVCTQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS254900AIRVCTQ1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS254900AIRVCTQ1 Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
2000
2200
2400
2600
2800
3000
3200
3400
3600
D005
RILIM_HI = 21.5 K
RILIM_HI = 19.1 K
RILIM_HI = 18.2 K
RILIM_HI = 14.3 K
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
D006
RILIM_LO = 210 k:
RILIM_LO = 80.6 k:
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
480
490
500
510
520
530
540
550
560
570
D003
VIN = 4.5 V
VIN = 5.0 V
VIN = 6.5 V
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
40
50
60
70
80
90
100
D004
VIN = 5 V
VIN = 0 V
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
30
35
40
45
50
55
60
65
70
D001
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
39.6
39.8
40
40.2
40.4
40.6
40.8
41
D002
9
TPS254900A-Q1
www.ti.com
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
6.7 Typical Characteristics
TA = 25°C, V(IN) = 5 V, V(EN) = 5 V, V(CTL1) = V(CTL2) = 5 V, FAULT and STATUS connect to V(IN) via a 10-kΩ pullup resistor
(unless stated otherwise)
V(IN) = 5 V
Figure 1. Power Switch On-Resistance vs Temperature
V(OUT) = 5 V
Measure I(OUT)
Figure 2. Reverse Leakage Current vs Temperature
A
Figure 3. OUT Discharge Resistance (Mode Change) vs
Temperature
A
Figure 4. OUT Discharge Resistance (OVP) vs Temperature
V(IN) = 5 V
Figure 5. OUT Short-Circuit Current Limit vs Temperature I
V(IN) = 5 V
Figure 6. OUT Short-Circuit Current Limit vs Temperature II


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn