Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900AIRVCTQ1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS254900AIRVCTQ1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS254900AIRVCTQ1 Datasheet(HTML) 20 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20
TPS254900A-Q1
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
The TPS254900A-Q1 device has two OVP thresholds; one is 6 V (typical) and the other is 6.95 V (typical). Set
the OVP threshold using the external OVP_SEL pin.
8.3.5 Output and D+ or D– Discharge
To allow a charging port to renegotiate current with a portable device, the TPS254900A-Q1 device uses the OUT
discharge function. During mode change, the TPS254900A-Q1 device turns off the power switch while
discharging OUT with a 500-
Ω resistance, then turning back on the power switches to reassert the OUT voltage.
When an OVP condition occurs on DP_IN or DM_IN, the TPS254900A-Q1 device enables an internal 200-k
discharge resistance from DP_IN to ground and from DM_IN to ground. The analog switches are also turned off.
The TPS254900A-Q1 device automatically disables the discharge paths and turns on the analog switches once
the OVP condition is removed.
When an OVP condition occurs on OUT, the TPS254900A-Q1 device turns on an internal discharge path (see
Table 2 for the discharge resistance). The TPS254900A-Q1 device automatically turns off the discharge path and
turns on the power switch once the OVP condition is removed.
(1)
0 = inactive, 1 = active
(2)
— = no discharge resistance
Table 2. OUT Discharge Resistance
VIN(1)
EN(1)
OVP(1)
OUT DISCHARGE
RESISTANCE(2)
0
0
0
0
0
1
80 k
0
1
0
0
1
1
80 k
1
0
0
500
1
0
1
500
Ω or 55 kΩ
1
1
0
1
1
1
55 k
8.3.6 Port Power Management (PPM)
PPM is the intelligent and dynamic allocation of power. PPM is for systems that have multiple charging ports but
cannot power them all simultaneously.
8.3.6.1 Benefits of PPM
The benefits of PPM include the following:
Delivers better user experience
Prevents overloading of system power supply
Allows for dynamic power limits based on system state
Allows every port potentially to be a high-power charging port
Allows for smaller power-supply capacity because loading is controlled
8.3.6.2 PPM Details
All ports are allowed to broadcast high-current charging. The current limit is based on ILIM_HI. The system
monitors the STATUS pin to see when high-current loads are present. Once the allowed number of ports asserts
STATUS, the remaining ports are toggled to a non-charging port. The current limit of the non-charging port is
based on the ILIM_LO setting. The non-charging ports are automatically toggled back to charging ports when a
charging port deasserts STATUS.
STATUS asserts in a charging port when the load current is above ILIM_LO + 30 mA for 210 ms (typical).
STATUS deasserts in a charging port when the load current is below ILIM_LO – 20 mA for 3 seconds (typical).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn