Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900AIRVCTQ1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS254900AIRVCTQ1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS254900AIRVCTQ1 Datasheet(HTML) 16 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16
TPS254900A-Q1
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS254900A-Q1 device is a USB charging controller and power switch which integrates D+ and D– short-to-
battery protection, cable compensation, current monitor (IMON), and IEC ESD protection suitable for automotive
USB charging and USB port protection applications.
The integrated power distribution switch uses N-channel MOSFETs suitable for applications where short circuits
or heavy capacitive loads will be encountered. The device allows the user to adjust the current-limit thresholds
using external resistors. The device enters constant-current mode when the load exceeds the current-limit
threshold.
The TPS254900A-Q1 device provides VBUS, D+, and D– short-to-battery protection. This protects the upstream
voltage regulator, automotive processor, and hub when these pins are exposed to fault conditions.
The device also integrates CDP mode, defined in the BC1.2 specification, to enable up to 1.5-A fast charging of
most portable devices during data communication.
The TPS254900A-Q1 device integrates a cable compensation (CS) feature to compensate for long-cable voltage
drop. This keeps the remote USB port output voltage constant to enhance the user experience under high-
current charging conditions.
The TPS254900A-Q1 device provides a current-monitor function (IMON) by connecting a resistor from the IMON
pin to GND to provide a positive voltage linearly with load current. This can be used for system power or dynamic
power management.
Additionally, the device provides ESD protection up to ±8 kV (contact discharge) and ±15 kV (air discharge) per
IEC 61000-4-2 on DP_IN and DM_IN.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn