Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS254900AIRVCRQ1 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPS254900AIRVCRQ1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900AIRVCRQ1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS254900AIRVCRQ1 Datasheet HTML 27Page - Texas Instruments TPS254900AIRVCRQ1 Datasheet HTML 28Page - Texas Instruments TPS254900AIRVCRQ1 Datasheet HTML 29Page - Texas Instruments TPS254900AIRVCRQ1 Datasheet HTML 30Page - Texas Instruments TPS254900AIRVCRQ1 Datasheet HTML 31Page - Texas Instruments TPS254900AIRVCRQ1 Datasheet HTML 32Page - Texas Instruments TPS254900AIRVCRQ1 Datasheet HTML 33Page - Texas Instruments TPS254900AIRVCRQ1 Datasheet HTML 34Page - Texas Instruments TPS254900AIRVCRQ1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
31
TPS254900A-Q1
www.ti.com
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Layout Guidelines (continued)
The whole path from OUT to GND or BIAS to GND across the TVS should be as short as possible.
DP_IN, DM_IN, DP_OUT, and DM_OUT routing considerations
Route these traces as microstrips with nominal differential impedance of 90 Ω.
Minimize the use of vias on the high-speed data lines.
Keep the reference GND plane devoid from cuts or splits above the differential pairs to prevent impedance
discontinuities.
For more USB 2.0 high-speed D+ and D– differential routing information, see the High Speed USB
Platform Design Guideline from Intel.
Thermal Considerations
When properly mounted, the thermal-pad package provides significantly greater cooling ability than an
ordinary package. To operate at rated power, the thermal pad must be soldered to the board GND plane
directly under the device. The thermal pad is at GND potential and can be connected using multiple vias
to inner-layer GND. Other planes, such as the bottom side of the circuit board, can be used to increase
heat sinking in higher-current applications. See the PowerPad™ Thermally Enhanced Package application
report (SLMA002) and PowerPAD™ Made Easy application brief (SLMA004) for more information on
using this thermal pad package.


Similar Part No. - TPS254900AIRVCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900IRVCRQ1 TI1-TPS254900IRVCRQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900IRVCTQ1 TI1-TPS254900IRVCTQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
More results

Similar Description - TPS254900AIRVCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
logo
Maxim Integrated Produc...
MAX20461 MAXIM-MAX20461 Datasheet
1Mb / 65P
   Automotive High-Current Step-Down Converter with USB-C Protection/Host Charger
Rev 4; 12/20
logo
Analog Devices
MAX25460 AD-MAX25460 Datasheet
1Mb / 48P
   Automotive 1.5A Step-Down Converter with USB Protection/Host Charger Adapter Emulator
19-101710; Rev 0; 6/23
logo
Texas Instruments
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
logo
Maxim Integrated Produc...
MAX16984A MAXIM-MAX16984A Datasheet
988Kb / 36P
   Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 2; 12/20
MAX16984 MAXIM-MAX16984 Datasheet
396Kb / 7P
   Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 6; 5/18
logo
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
   USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
   USB Host Charger Identification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com