Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900A-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS254900A-Q1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900A-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS254900A-Q1 Datasheet HTML 6Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 7Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 8Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 9Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 10Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 11Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 12Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 13Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Junction Temperature (qC)
-40 -25 -10
5
20
35
50
65
80
95 110 125 140
0
50
100
150
200
250
300
D016
IOUT = 1 A
IOUT = 2.1 A
IOUT = 2.4 A
IOUT = 3 A
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
6.6
6.7
6.8
6.9
7
7.1
7.2
7.3
D014
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
600
610
620
630
640
650
660
D011
LLD
IOUT Rising Load Detect Threshold
IOS
IOUT Short Circuit Current Limit
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
3.6
3.7
3.8
3.9
4
4.1
4.2
D012
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-2
0
2
4
6
D007
VIN = 4.5 V
VIN = 5 V
VIN = 6.5 V
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
160
180
200
220
240
D008
VIN = 4.5 V
VIN = 5 V
VIN = 6.5 V
10
TPS254900A-Q1
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, V(IN) = 5 V, V(EN) = 5 V, V(CTL1) = V(CTL2) = 5 V, FAULT and STATUS connect to V(IN) via a 10-kΩ pullup resistor
(unless stated otherwise)
CTL1 = 1
CTL2 = 1
Figure 7. Disabled IN Supply Current vs Temperature
CTL1 = 1
CTL2 = 1
Figure 8. Enabled IN Supply Current – CDP (11) vs
Temperature
V(IN) = 5 V
R(ILIM_LO) = 80.6 kΩ
Figure 9. I(OUT) Rising Load-Detect Threshold and OUT
Short-Circuit Limit vs Temperature
V(IN) = 5 V
Figure 10. DP_IN Overvoltage Protection Threshold vs
Temperature
V(IN) = 5 V
Figure 11. OUT Overvoltage Protection Threshold vs
Temperature
V(IN) = 5 V
V(CS) = 25 V
Figure 12. I(CS) vs Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn