Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900A-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS254900A-Q1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900A-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS254900A-Q1 Datasheet HTML 1Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 2Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 3Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 4Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 5Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 6Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 7Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 8Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
IN
OUT
DP_IN
DM_IN
ILIM_LO
ILIM_HI
GND
CTL1
CTL2
CS
EN
TPS254900A-Q1
5 V
EN
FAULT
FAULT
STATUS
STATUS
Mode
Select I/O
V
BUS
D+
D–
GND
ADC
Upstream DC-DC
DP_OUT
DM_OUT
IMON
OVP_SEL
Logic I/O
BIAS
2.2 µF
10 F
µ
To Host
Controller
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS254900A-Q1
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
TPS254900A-Q1 Automotive USB Host Charger With Short-to-VBATT Protection
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C5
4.5-V to 6.5-V Input Operating Range
3.5-V (typ) UVLO to Support Start-Stop
Integrated 45-mΩ (typ.) High-Side MOSFET
3.2-A Maximum Continuous Output Current
VBUS ±5% Cable Compensation Accuracy at
Connector
Supports USB BC 1.2 CDP and SDP Modes
Short-to-Battery Protection on OUT, DP_IN, and
DM_IN Pins
DP_IN and DM_IN IEC 61000-4-2 Rated
±8-kV Contact and ±15-kV Air Discharge
20-Pin QFN (3-mm × 4-mm) Package
2 Applications
Automotive USB Charging Ports (Host and Hubs)
Automotive USB Protection
3 Description
The TPS254900A-Q1 device is a USB charging-port
controller and power switch with short-to-battery
protection. This feature provides protection on OUT,
DM_IN and DP_IN. These three pins withstand
voltage up to 18 V.
The internal MOSFET turns off quickly when the
short-to-battery condition occurs. Rapid turnoff is very
important to protect the upstream DC-DC converter,
processor, or hub data lines.
The TPS254900A-Q1 has a low UVLO of 3.5 V, so
that the power switch does not turn off during start-
stop.
The TPS254900A-Q1 45-m
Ω power switch has two
selectable, adjustable current limits that support port
power management by changing to a lower current
limit when adjacent ports are experiencing heavy
loads. This is important in systems with multiple ports
and upstream power supplies with limited capacity.
The TPS254900A-Q1 device has a current-sense
output that is able to control an upstream supply,
which allows it to maintain 5 V at the USB port even
with
heavy
charging
currents.
This
feature
is
important in systems with long USB cables where
significant voltage drops can occur with fast-charging
portable devices.
A current monitor allows a system to monitor the load
current in real time by monitoring the IMON voltage.
The current monitor is very useful and can be used
for dynamic port-power management.
The TPS254900A-Q1 device also provides ESD
protection capability per IEC 61000-4-2, level 4 on
DP_IN and DM_IN.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS254900A-Q1
WQFN (20)
3.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Schematic


Similar Part No. - TPS254900A-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900IRVCRQ1 TI1-TPS254900IRVCRQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900IRVCTQ1 TI1-TPS254900IRVCTQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
More results

Similar Description - TPS254900A-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
Maxim Integrated Products
Maxim Integrated Produc...
MAX20461 MAXIM-MAX20461 Datasheet
1Mb / 65P
   Automotive High-Current Step-Down Converter with USB-C Protection/Host Charger
Dialog Semiconductor
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
   USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
   USB Host Charger Identification
SLG55587 DIALOG-SLG55587 Datasheet
150Kb / 10P
   USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55596 DIALOG-SLG55596 Datasheet
124Kb / 10P
   USB Host Charger Identification
SLG55583 DIALOG-SLG55583 Datasheet
155Kb / 10P
   USB Host Charger Identification
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz