Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900A-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS254900A-Q1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900A-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS254900A-Q1 Datasheet HTML 4Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 5Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 6Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 7Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 8Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 9Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 10Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 11Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
TPS254900A-Q1
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
6.6 Switching Characteristics
Unless otherwise noted –40°C
≤ TJ ≤ 125°C and 4.5 V ≤ V(IN) ≤ 6.5 V, V(EN) = V(IN), V(CTL1) = V(CTL2) = V(IN). R(FAULT) = R(STATUS)
= 10 kΩ, R(IMON) = 2.55 KΩ, R(ILIM_HI) = 19.1 kΩ, R(ILIM_LO) = 80.6 kΩ. Positive currents are into pins. Typical values are at
25°C. All voltages are with respect to GND.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
OUT voltage rise time
V(IN) = 5 V, C(L) = 1 µF, R(L) = 100 Ω
1.05
1.75
3.1
ms
tf
OUT voltage fall time
0.27
0.47
0.82
ms
ton
OUT voltage turnon time
V(IN) = 5 V, C(L) = 1 µF, R(L) = 100 Ω
7.5
11
ms
toff
OUT voltage turnoff time
2.7
5
ms
t(DCHG_S)
Discharge hold time (mode
change)
Time V(OUT) < 0.7 V
1.1
2
2.9
s
t(IOS)
OUT short-circuit response
time(1)
V(IN) = 5 V, R(SHORT) = 50 mΩ
2
µs
t(OC_OUT_FAULT)
OUT FAULT deglitch time
Bidirectional deglitch applicable to current-limit
condition only (no deglitch assertion for OTSD)
5.5
8.5
11.5
ms
tpd
Analog switch propagation
delay (1)
V(IN) = 5 V
0.14
ns
t(SK)
Analog switch skew
between opposite
transitions of the same port
(tPHL – tPLH)
(1)
V(IN) = 5 V
0.02
ns
t(LD_SET)
Load-detect set time
V(IN) = 5 V
120
210
280
ms
t(LD_RESET)
Load-detect reset time
V(IN) = 5 V
1.8
3
4.2
s
t(OV_Data)
DP_IN and DM_IN
overvoltage protection
response time
5
µs
t(OV_OUT)
OUT overvoltage protection
response time
0.3
µs
t(OV_D_FAULT)
DP_IN and DM_IN FAULT-
asserted degltich time
11
16
23
ms
OUT FAULT-asserted
degltich time
11
16
23
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn