Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900A-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS254900A-Q1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900A-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS254900A-Q1 Datasheet HTML 2Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 3Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 4Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 5Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 6Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 7Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 8Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 9Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
TPS254900A-Q1
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted, –40°C
≤ TJ ≤ 125°C and 4.5 V ≤ V(IN) ≤ 6.5 V, V(EN) = V(CTL1) = V(CTL2) = V(IN), R(FAULT) = R(STATUS) =
10 kΩ, R(IMON) = 2.55 kΩ, R(ILIM_HI) = 19.1 kΩ, R(ILIM_LO) = 80.6 kΩ. Positive currents are into pins. Typical values are at 25°C.
All voltages are with respect to GND.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
This parameter is provided for reference only and does not constitute part of TI's published device specifications for purposes of TI's
product warranty.
UNDERVOLTAGE LOCKOUT, IN
V(UVLO)
UVLO threshold voltage
IN rising
3.9
4.1
4.3
V
IN falling
3.3
3.5
3.7
FAULT
Output low voltage
I(FAULT) = 1 mA
100
mV
Off-state leakage
V(FAULT) = 6.5 V
2
µA
STATUS
Output low voltage
I(STATUS) = 1 mA
100
mV
Off-state leakage
V(STATUS) = 6.5 V
2
µA
THERMAL SHUTDOWN
T(OTSD2)
Thermal shutdown
threshold
155
°C
T(OTSD1)
Thermal shutdown
threshold in current-limit
135
°C
Hysteresis(3)
20
°C
LOAD DETECT (VCTL1 = VCTL2 = VIN)
I(LD)
IOUT load detection
threshold
R(ILIM_LO) = 80.6 kΩ, rising load current
585
650
715
mA
Hysteresis(3)
50
mA
DM_IN AND DP_IN OVERVOLTAGE PROTECTION
V(OV_Data)
Protection trip threshold
DP_IN and DM_IN rising
3.3
3.9
4.15
V
Hysteresis(3)
100
mV
R(DCHG_Data)
Discharge resistor after
OVP(2)
DP_IN = DM_IN = 18 V, IN = 5 V or 0 V
200
k
DP_IN = DM_IN = 5 V, IN = 5 V
370
DP_IN = DM_IN = 5 V, IN = 0
390
OUT OVERVOLTAGE PROTECTION
V(OV_OUT_LOW)
Protection trip threshold
OUT rising
5.65
6
6.35
V
Hysteresis(3)
90
mV
V(OV_OUT_HIGH)
Protection trip threshold
OUT rising
6.6
6.95
7.3
V
Hysteresis(3)
130
mV
R(DCHG_OUT)
Discharge resistor
OUT = 18 V, IN = 5 V
55
85
k
OUT = 18 V, IN = 0
80
120
CABLE COMPENSATION
I(CS)
Sink current
Load = 3.2 A, 2.5 V
≤ V(CS) ≤ 6.5 V
250
262
275
µA
Load = 3 A, 2.5 V
≤ V(CS) ≤ 6.5 V
234
246
258
Load = 2.4 A, 2.5 V
≤ V(CS) ≤ 6.5 V
187
197
207
Load = 2.1 A, 2.5 V
≤ V(CS) ≤ 6.5 V
163
172
181
Load = 1 A, 2.5 V
≤ V(CS) ≤ 6.5 V
77
82
87


Similar Part No. - TPS254900A-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900IRVCRQ1 TI1-TPS254900IRVCRQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900IRVCTQ1 TI1-TPS254900IRVCTQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
More results

Similar Description - TPS254900A-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
Maxim Integrated Products
Maxim Integrated Produc...
MAX20461 MAXIM-MAX20461 Datasheet
1Mb / 65P
   Automotive High-Current Step-Down Converter with USB-C Protection/Host Charger
Rev 4; 12/20
Dialog Semiconductor
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
   USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
   USB Host Charger Identification
SLG55587 DIALOG-SLG55587 Datasheet
150Kb / 10P
   USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55596 DIALOG-SLG55596 Datasheet
124Kb / 10P
   USB Host Charger Identification
SLG55583 DIALOG-SLG55583 Datasheet
155Kb / 10P
   USB Host Charger Identification
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz