Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900A-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS254900A-Q1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900A-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS254900A-Q1 Datasheet HTML 1Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 2Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 3Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 4Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 5Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 6Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 7Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 8Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
TPS254900A-Q1
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
OVP_SEL
10
I
Logic-level control input for choosing the OUT overvoltage threshold. When OVP_SEL is low,
V(OV_OUT_LOW) is active. When OVP_SEL is high, V(OV_OUT_HIGH) is active.
STATUS
17
O
Active-low open-drain output, asserted in load-detect conditions
Thermal pad
Thermal pad on the bottom of the package
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Voltages are with respect to GND unless otherwise noted
(1)
MIN
MAX
UNIT
Voltage range
CS, CTL1, CTL2, EN, FAULT, ILIM_HI, ILIM_LO, IN,
IMON, OVP_SEL, STATUS
–0.3
7
V
DM_OUT, DP_OUT
–0.3
5.7
BIAS, DM_IN, DP_IN, OUT
–0.3
18
Continuous current
DM_IN to DM_OUT or DP_IN to DP_OUT
–100
100
mA
OUT
Internally limited
Continuous output source current, ISRC
ILIM_HI, ILIM_LO, IMON
Internally limited
A
Continuous output sink current, ISNK
FAULT, STATUS
25
mA
CS
Internally limited
A
Operating junction temperature, TJ
–40
Internally limited
°C
Storage temperature,Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(2)
The passing level per AEC-Q100 Classification H2.
(3)
The passing level per AEC-Q100 Classification C5
(4)
Surges per IEC 61000-4-2, level 4, 1999 applied from DP_IN and DM_IN to output ground of the TPS254900Q1EVM-817 (SLUUBI0)
evaluation module.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000(2)
V
Charged-device model (CDM), per AEC Q100-011
±750(3)
IEC 61000-4-2 contact discharge
DP_IN and DM_IN pins(4)
±8000
IEC 61000-4-2 air discharge
DP_IN and DM_IN pins(4)
±15000
6.3 Recommended Operating Conditions
Voltages are with respect to GND unless otherwise noted.
MIN
NOM
MAX
UNIT
V(IN)
Supply voltage
IN
4.5
6.5
V
Input voltage
CTL1, CTL2, EN, OVP_SEL
0
6.5
V
DM_IN, DM_OUT, DP_IN, DP_OUT
0
3.6
V
I(OUT)
Output continuous current
OUT (–40°C
≤ TA ≤ 85°C)
3.2
A
DM_IN to DM_OUT or DP_IN to DP_OUT
–30
30
mA
Continuous output sink current
FAULT, STATUS
10
mA
R(ILIM_xx)
Current-limit-set resistors
13.7
1000
TJ
Operating junction temperature
–40
125
°C


Similar Part No. - TPS254900A-Q1

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900IRVCRQ1 TI1-TPS254900IRVCRQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900IRVCTQ1 TI1-TPS254900IRVCTQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
More results

Similar Description - TPS254900A-Q1

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
Maxim Integrated Products
Maxim Integrated Produc...
MAX20461 MAXIM-MAX20461 Datasheet
1Mb / 65P
   Automotive High-Current Step-Down Converter with USB-C Protection/Host Charger
Rev 4; 12/20
Dialog Semiconductor
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
   USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
   USB Host Charger Identification
SLG55587 DIALOG-SLG55587 Datasheet
150Kb / 10P
   USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55596 DIALOG-SLG55596 Datasheet
124Kb / 10P
   USB Host Charger Identification
SLG55583 DIALOG-SLG55583 Datasheet
155Kb / 10P
   USB Host Charger Identification
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com