Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900A-Q1 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS254900A-Q1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900A-Q1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS254900A-Q1 Datasheet HTML 21Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 22Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 23Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 24Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 25Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 26Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 27Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 28Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25
TPS254900A-Q1
www.ti.com
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Passing the IEC 61000-4-2 test for DP_IN and DM_IN requires connecting a discharge resistor to OUT during
USB 2.0 high-speed enumeration. In client mode, because the power switch is OFF, OUT must be 5 V so that
the device can work normally (usually powered by an external downstream USB port). If the OUT voltage is low,
the communication may not work properly.
8.4.6 High-Bandwidth Data-Line Switch
The D+ and D– data lines pass through the device to enable monitoring and handshaking while supporting the
charging operation. A wide-bandwidth signal switch allows data to pass through the device without corrupting
signal integrity. The data-line switches are turned on in any of the CDP, SDP or client operating modes. The EN
input must be at logic high for the data-line switches to be enabled.
NOTE
While in CDP mode, the data switches are ON, even during CDP handshaking.
The data switches are only for the USB-2.0 differential pair. In the case of a USB-3.0
host, the super-speed differential pairs must be routed directly to the USB connector
without passing through the TPS254900A-Q1 device.
Data switches are OFF during OUT (VBUS) discharge.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn