Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900A-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS254900A-Q1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900A-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS254900A-Q1 Datasheet HTML 13Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 14Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 15Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 16Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 17Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 18Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 19Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 20Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
IEC ESD
Protection
Disable + UVLO +
Discharge + OVP
Driver
CS
Current
Limit
Charge
Pump
UVLO
Thermal
Sense
8-ms
Deglitch
OTSD
FAULT
Current
Sense
IN
EN
ILIM_HI
CS
DP_IN
DM_IN
OUT
GND
ILIM_LO
OC
STATUS
Logic
Control
OVP2/3 (Short to BAT)
CDP
Detection
Discharge
DM_OUT
DP_OUT
CTL1
CTL2
OVP1
(Short to BAT)
IMON
´82 µA/A
´104 µA/A
OVP_SEL
BIAS
Copyright © 2016, Texas Instruments Incorporated
17
TPS254900A-Q1
www.ti.com
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 FAULT Response
The device features an active-low, open-drain fault output. FAULT goes low when there is a fault condition. Fault
detection includes overtemperature, overcurrent, or overvoltage on VBUS, DP_IN and DM_IN. Connect a 10-kΩ
pullup resistor from FAULT to IN.
Table 1 summarizes the conditions that generate a fault and actions taken by the device.


Similar Part No. - TPS254900A-Q1

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900IRVCRQ1 TI1-TPS254900IRVCRQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900IRVCTQ1 TI1-TPS254900IRVCTQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
More results

Similar Description - TPS254900A-Q1

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
Maxim Integrated Products
Maxim Integrated Produc...
MAX20461 MAXIM-MAX20461 Datasheet
1Mb / 65P
   Automotive High-Current Step-Down Converter with USB-C Protection/Host Charger
Rev 4; 12/20
Dialog Semiconductor
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
   USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
   USB Host Charger Identification
SLG55587 DIALOG-SLG55587 Datasheet
150Kb / 10P
   USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55596 DIALOG-SLG55596 Datasheet
124Kb / 10P
   USB Host Charger Identification
SLG55583 DIALOG-SLG55583 Datasheet
155Kb / 10P
   USB Host Charger Identification
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com