Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS254900A-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS254900A-Q1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900A-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS254900A-Q1 Datasheet HTML 11Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 12Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 13Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 14Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 15Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 16Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 17Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 18Page - Texas Instruments TPS254900A-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
PWR817A
27 mF
35 V
10 cm AWG18
Manually Hot-short
0.5 m AWG22
18 V
GND
5 V
OUT
DP_IN
DM_IN
GND
0.5 m AWG28
0.5 m AWG28
Copyright © 2017, Texas Instruments Incorporated
15
TPS254900A-Q1
www.ti.com
SLUSCU5A – NOVEMBER 2017 – REVISED JANUARY 2018
Product Folder Links: TPS254900A-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, V(IN) = 5 V, V(EN) = 5 V, V(CTL1) = V(CTL2) = 5 V, FAULT and STATUS connect to V(IN) via a 10-kΩ pullup resistor
(unless stated otherwise)
Figure 34. Off-State Data-Switch Isolation vs Frequency
Figure 35. On-State Cross-Channel Isolation vs Frequency
7 Parameter Measurement Information
Figure 36. Short-to-Battery System Test Setup


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn