Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2318DS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI2318DS
Description  N-Channel 40-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2318DS Datasheet(HTML) 1 Page - Vishay Siliconix

  SI2318DS Datasheet HTML 1Page - Vishay Siliconix SI2318DS Datasheet HTML 2Page - Vishay Siliconix SI2318DS Datasheet HTML 3Page - Vishay Siliconix SI2318DS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
APPLICATIONS
D Stepper Motors
D Load Switch
Si2318DS
Vishay Siliconix
New Product
Document Number: 72322
S-31731—Rev. A, 18-Aug-03
www.vishay.com
1
N-Channel 40-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
40
0.045 @ VGS = 10 V
3.9
40
0.058 @ VGS = 4.5 V
3.5
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
*Marking Code
Si2318DS( C8)*
Ordering Information: Si2318DS-T1 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a, b
TA= 25_C
ID
3.9
3.0
Continuous Drain Current (TJ = 150_C)a, b
TA= 70_C
ID
3.1
2.4
A
Pulsed Drain Currentb
IDM
16
A
Continuous Source Current (Diode Conduction)a, b
IS
0.8
Power Dissipationa, b
TA= 25_C
PD
1.25
0.75
W
Power Dissipationa, b
TA= 70_C
PD
0.8
0.48
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
75
100
Maximum Junction-to-Ambienta
Steady State
RthJA
120
166
_C/W
Maximum Junction-to-Foot (drain)
Steady State
RthJF
40
50
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature


Similar Part No. - SI2318DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
194Kb / 8P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Feb-09
SI2318DS VISHAY-SI2318DS Datasheet
198Kb / 8P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Feb-09
SI2318DS VISHAY-SI2318DS Datasheet
160Kb / 7P
   N-Channel 40-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI2318DS-T1-GE3 VBSEMI-SI2318DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS_13 Datasheet
194Kb / 8P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Feb-09
More results

Similar Description - SI2318DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com