Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3PCIE3242A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI3PCIE3242A
Description  3.0 4 Channel 2x2 Exchange Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3PCIE3242A Datasheet(HTML) 4 Page - Diodes Incorporated

  PI3PCIE3242A Datasheet HTML 1Page - Diodes Incorporated PI3PCIE3242A Datasheet HTML 2Page - Diodes Incorporated PI3PCIE3242A Datasheet HTML 3Page - Diodes Incorporated PI3PCIE3242A Datasheet HTML 4Page - Diodes Incorporated PI3PCIE3242A Datasheet HTML 5Page - Diodes Incorporated PI3PCIE3242A Datasheet HTML 6Page - Diodes Incorporated PI3PCIE3242A Datasheet HTML 7Page - Diodes Incorporated PI3PCIE3242A Datasheet HTML 8Page - Diodes Incorporated PI3PCIE3242A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.diodes.com
November 2017
Diodes Incorporated
PI3PCIE3242A
Document Number DS40130 Rev 1-2
PI3PCIE3242A
A product Line of
Diodes Incorporated
DC Electrical Characteristics for Switching over Operating Range
Parameters Description
Test Conditions(1)
Min. Typ.(1) Max. Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
0.65 x
VDD
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
0.35 x
VDD
VIK
Clamp Diode Voltage
VDD = Max., IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current, SEL
VDD = Max., VIN = VDD
–10
+10
µA
IIL
Input LOW Current, SEL
VDD = Max., VIN = GND
–10
+10
IIH
Input HIGH Current, AX, BX, CX, DX
VDD = Max., VIN = 1.8V
–10
+10
µA
IIL
Input LOW Current, AX, BX, CX ,DX
VDD = Max., VIN = 0V
–10
+10
Note:
1. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
Switching Characteristics
Parameters Description
Test Conditions
Min.
Typ.
Max. Units
tPZH, tPZL
Line Enable Time - SEL to AN, BN, CN, DN
0.5
45
ns
tPHZ, tPLZ
Line Disable Time - SEL to AN, BN, CN, DN
0.5
25
tb-b
Bit-to-bit skew within the same differential pair
10
ps
tch-ch
Channel-to-channel skew
20
Electrical Characteristics Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
VDD
3.3V Power Supply
3.0
3.3
3.6
V
IDD
Total current from VDD 3.3V supply SEL and OE# at OV or VDD
200
μA
TA
Operating temperature range
-40
85
oC
Storage Temperature ....................................................–65°C to +150°C
Supply Voltage to Ground Potential ................................–0.5V to +3.7V
DC Input Voltage .............................................................. –0.5V to VDD
DC Output Current .......................................................................120mA
Power Dissipation ...........................................................................0.5W
Junction Temperature..................................................................... 125°C
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)


Similar Part No. - PI3PCIE3242A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3242 PERICOM-PI3PCIE3242 Datasheet
1,003Kb / 10P
   3.3V PCI Express 3.0 4 Channel 2x2 Exchange Switch
PI3PCIE3242ZLE PERICOM-PI3PCIE3242ZLE Datasheet
1,003Kb / 10P
   3.3V PCI Express 3.0 4 Channel 2x2 Exchange Switch
More results

Similar Description - PI3PCIE3242A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3242 PERICOM-PI3PCIE3242 Datasheet
1,003Kb / 10P
   3.3V PCI Express 3.0 4 Channel 2x2 Exchange Switch
PI3PCIE3442 PERICOM-PI3PCIE3442 Datasheet
1Mb / 13P
   3.3V PCI Express 3.0 2-Lane Exchange Switch
logo
ON Semiconductor
74FST3400 ONSEMI-74FST3400_06 Datasheet
203Kb / 8P
   4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
74FST3400 ONSEMI-74FST3400 Datasheet
96Kb / 8P
   4-Bit, 4-Port Bus Exchange Switch
January, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI5C3400 PERICOM-PI5C3400 Datasheet
56Kb / 3P
   4-Bit, 4-Port Bus Exchange Switch
logo
Diodes Incorporated
PI3PCIE3442A DIODES-PI3PCIE3442A Datasheet
1Mb / 14P
   3.3V PCI Express® 3.0 2-Lane Exchange Switch
May 2019
logo
ON Semiconductor
7WB383 ONSEMI-7WB383 Datasheet
169Kb / 12P
   Bus Exchange Switch
April, 2010 ??Rev. 0
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
logo
Pericom Semiconductor C...
PI5C3383 PERICOM-PI5C3383 Datasheet
399Kb / 5P
   5-Bit, 4-Port Bus Exchange Switch
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com