Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZS18B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UDZS18B
Description  200 mW Zener Diode 3.6 to 36 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UDZS18B Datasheet(HTML) 1 Page - Micro Commercial Components

  UDZS18B Datasheet HTML 1Page - Micro Commercial Components UDZS18B Datasheet HTML 2Page - Micro Commercial Components UDZS18B Datasheet HTML 3Page - Micro Commercial Components UDZS18B Datasheet HTML 4Page - Micro Commercial Components UDZS18B Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
THRU
UDZ
S36B
200 mW
Zener Diode
3.6 to 36 Volts
Features
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
PD
Power dissipation
200
mW
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature Range
-55 to +150
oC
UDZ
S3.6B
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision: A
2012/01/01
TM
Micro Commercial Components
1 of 5
Compliant. See ordering information)
DO-35
• Very tight tolerance on zener breakdown voltage
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
• Saving space
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex
7(C)-I.
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
Moisture Sensitivity Level 1


Similar Part No. - UDZS18B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZS18B ROHM-UDZS18B Datasheet
158Kb / 5P
   Zener diode
UDZS18B ROHM-UDZS18B Datasheet
221Kb / 5P
   Zener diode
UDZS18B ROHM-UDZS18B Datasheet
158Kb / 5P
   Zener diode Constant voltage control High reliability.
UDZS18B ROHM-UDZS18B Datasheet
221Kb / 5P
   Zener diode
UDZS18B ROHM-UDZS18B Datasheet
158Kb / 5P
   Zener diode
More results

Similar Description - UDZS18B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LLUDZS36B MCC-LLUDZS36B Datasheet
451Kb / 5P
   200 mW Zener Diode 3.6 to 36 Volts
BZX2C3V6 MCC-BZX2C3V6 Datasheet
82Kb / 2P
   2 Watt Zener Diode 3.6 to 200 Volts
BZT52B3V0JS MCC-BZT52B3V0JS Datasheet
540Kb / 4P
   200 mW Zener Diode 3.0 to 75 Volts
BZT52C2V4S MCC-BZT52C2V4S_18 Datasheet
272Kb / 4P
   200 mW Zener Diode 2.4 to 56 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
MMXZ5229C MCC-MMXZ5229C Datasheet
376Kb / 4P
   200 mW Zener Diode 4.3 to 51 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C5V1S-TP MCC-BZT52C5V1S-TP Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
AZ23C2V7W MCC-AZ23C2V7W_13 Datasheet
273Kb / 3P
   200 mW Zener Diode 2.7 to 39 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com