Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ4748AHE3 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMAJ4748AHE3
Description  1 Watt Zener Diode 10 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJ4748AHE3 Datasheet(HTML) 2 Page - Micro Commercial Components

  SMAJ4748AHE3 Datasheet HTML 1Page - Micro Commercial Components SMAJ4748AHE3 Datasheet HTML 2Page - Micro Commercial Components SMAJ4748AHE3 Datasheet HTML 3Page - Micro Commercial Components SMAJ4748AHE3 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25°C
SMAJ4740AHE3 THRU SMAJ4764AHE3
www.mccsemi.com
2 of 4
Revision: A
2015/06/12
Micro Commercial Components
M C C
TM
SMAJ4740AHE3
SMAJ4741AHE3
SMAJ4742AHE3
SMAJ4743AHE3
SMAJ4744AHE3
SMAJ4745AHE3
SMAJ4746AHE3
SMAJ4747AHE3
SMAJ4748AHE3
SMAJ4749AHE3
SMAJ4750AHE3
SMAJ4751AHE3
SMAJ4752AHE3
SMAJ4753AHE3
SMAJ4754AHE3
SMAJ4755AHE3
SMAJ4756AHE3
SMAJ4757AHE3
SMAJ4758AHE3
SMAJ4759AHE3
SMAJ4760AHE3
SMAJ4761AHE3
SMAJ4762AHE3
SMAJ4763AHE3
SMAJ4764AHE3
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
25
23
21
19
17
15.5
14
12.5
11.5
10.5
9.5
8.5
7.5
7
6.5
6
5.5
5
4.5
4
3.7
3.3
3
2.8
2.5
7
8
9
10
14
16
20
22
23
25
35
40
45
50
60
70
80
95
110
125
150
175
200
250
350
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56
62.2
69.2
76
700
700
700
700
700
700
750
750
750
750
750
1000
1000
1000
1000
1500
1500
1500
2000
2000
2000
2000
3000
3000
3000
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
740A
741A
742A
743A
744A
745A
746A
747A
748A
749A
750A
751A
752A
753A
754A
755A
756A
757A
758A
759A
760A
761A
762A
763A
764A


Similar Part No. - SMAJ4748AHE3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4748A MCC-SMAJ4748A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4748A MCC-SMAJ4748A Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
List of Unclassifed Man...
SMAJ4748A ETC2-SMAJ4748A Datasheet
190Kb / 2P
   Transient Voltage Suppressor
More results

Similar Description - SMAJ4748AHE3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
SMAJ4733A MCC-SMAJ4733A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 5.1 to 100 Volts
1N4728 MCC-1N4728 Datasheet
127Kb / 3P
   1.0 Watt Zener Diode 3.3 to 100 Volts
SMAJ5925BHE3 MCC-SMAJ5925BHE3 Datasheet
565Kb / 5P
   1.5 Watt Zener Diode 10 to 200 Volts
1N4736AP MCC-1N4736AP Datasheet
542Kb / 4P
   1.0 Watt Zener Diode 6.8 to 100 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4728A MCC-SMAJ4728A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4744A-TP MCC-SMAJ4744A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com