Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74HC133 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. MM74HC133
Description  13-Input NAND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC133 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC133 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC133 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC133 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC133 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5134
January 1988
MM54HC133MM74HC133 13-Input NAND Gate
General Description
This NAND gate utilizes advanced silicon-gate CMOS tech-
nology to achieve operating speeds similar to LS-TTL gates
with the low power consumption of standard CMOS inte-
grated circuits All gates have buffered outputs All devices
have high noise immunity and the ability to drive 10 LS-TTL
loads The 54HC74HC logic family is functionally as well as
pin-out compatible with the standard 54LS74LS logic fami-
ly All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground
Features
Y
Typical propagation delay 20 ns
Y
Wide power supply range 2 – 6V
Y
Low quiescent current 20 mA maximum (74HC Series)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Connection and Logic Diagrams
Dual-In-Line Package
TLF5134 – 1
Top View
Order Number MM54HC133 or MM74HC133
TLF5134 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LS133 13-INPUT NAND GATE 1  2  3  4  Motorola, Inc
74HC133 13-input NAND gate 1  2  3  4  5  NXP Semiconductors
DM74ALS133 13-Input NAND Gate 1  2  3  4  Fairchild Semiconductor
DM74S133 13-Input NAND Gate 1  2  3  4  Fairchild Semiconductor
HD74HC133 13-input NAND Gate 1  2  3  4  5  More Hitachi Semiconductor
54LS133 13-INPUT NAND GATE 1  2  National Semiconductor (TI)
GD74HCT133 13-INPUT NAND GATE 1  2  3  4  List of Unclassifed Manufacturers
54ACTQ10 Quiet Series Triple 3-Input NAND Gate 1  2  3  4  5  National Semiconductor (TI)
MM54C00 Quad 2-Input NAND Gate Quad 2-Input NOR Gate Hex Inverter Triple 3-Input NAND Gate Dual 4-Input NAND Gate 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn