Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4285BM Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U4285BM
Description  Reference Oscillator up to 15 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4285BM Datasheet(HTML) 2 Page - ATMEL Corporation

  U4285BM Datasheet HTML 1Page - ATMEL Corporation U4285BM Datasheet HTML 2Page - ATMEL Corporation U4285BM Datasheet HTML 3Page - ATMEL Corporation U4285BM Datasheet HTML 4Page - ATMEL Corporation U4285BM Datasheet HTML 5Page - ATMEL Corporation U4285BM Datasheet HTML 6Page - ATMEL Corporation U4285BM Datasheet HTML 7Page - ATMEL Corporation U4285BM Datasheet HTML 8Page - ATMEL Corporation U4285BM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
U4285BM
4750A–AUDR–11/03
Pin Configuration
Figure 2. Pinning SSO20
1
2
3
4
5
6
7
8
13
14
15
16
17
18
19
20
U4285BM
SCL
SDA
AS
SWO1
SWO2
SWO3
SWO4
GND1
OSCOUT
OSCIN
C
VA
PDAMO
PDAM
PDFM
V
DD
9
11
12
FMOSC
GND2
PDFMO
AMOSC
10
Pin Description
Pin
Symbol
Function
1V
DD
Supply voltage
2SCL
Bus clock
3SDA
Bus data
4
AS
Address selection
5
SWO1
Switching output 1
6
SWO2
Switching output 2
7
SWO3
Switching output 3
8
SWO4
Switching output 4
9
FMOSC
FM oscillator input
10
GND2
Ground 2 (analog)
11
AMOSC
AM oscillator input
12
PDFMO
FM analog output
13
PDFM
FM current output
14
PDAM
AM current output
15
PDAMO
AM analog output
16
VA
Analog supply voltage
17
C
Capacitor
18
OSCIN
Oscillator input
19
OSCOUT
Oscillator output
20
GND1
Ground 1 (digital)


Similar Part No. - U4285BM

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
   AM / FM - PLL
U4285BM-AFS TEMIC-U4285BM-AFS Datasheet
138Kb / 10P
   AM / FM - PLL
U4285BM-AFSG3 TEMIC-U4285BM-AFSG3 Datasheet
138Kb / 10P
   AM / FM - PLL
More results

Similar Description - U4285BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4285 ATMEL-ATR4285 Datasheet
274Kb / 13P
   Reference Oscillator up to 15 MHz
ATR4289 ATMEL-ATR4289 Datasheet
282Kb / 12P
   Reference Oscillator up to 15 MHz
logo
QUARTZCOM the communica...
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
   SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
   Supports up to 15??laptops.
logo
QUARTZCOM the communica...
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
   LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com