Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4285BM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # U4285BM
Description  Reference Oscillator up to 15 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4285BM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button U4285BM Datasheet HTML 2Page - ATMEL Corporation U4285BM Datasheet HTML 3Page - ATMEL Corporation U4285BM Datasheet HTML 4Page - ATMEL Corporation U4285BM Datasheet HTML 5Page - ATMEL Corporation U4285BM Datasheet HTML 6Page - ATMEL Corporation U4285BM Datasheet HTML 7Page - ATMEL Corporation U4285BM Datasheet HTML 8Page - ATMEL Corporation U4285BM Datasheet HTML 9Page - ATMEL Corporation U4285BM Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Printed on recycled paper.
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company’s standard
warranty which is detailed in Atmel’s Terms and Conditions located on the Company’s web site. The Company assumes no responsibility for any
errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and
does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are
granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel’s products are not authorized for use
as critical components in life support devices or systems.
Atmel Corporation
Atmel Operations
2325 Orchard Parkway
San Jose, CA 95131, USA
Tel: 1(408) 441-0311
Fax: 1(408) 487-2600
Regional Headquarters
Europe
Atmel Sarl
Route des Arsenaux 41
Case Postale 80
CH-1705 Fribourg
Switzerland
Tel: (41) 26-426-5555
Fax: (41) 26-426-5500
Asia
Room 1219
Chinachem Golden Plaza
77 Mody Road Tsimshatsui
East Kowloon
Hong Kong
Tel: (852) 2721-9778
Fax: (852) 2722-1369
Japan
9F, Tonetsu Shinkawa Bldg.
1-24-8 Shinkawa
Chuo-ku, Tokyo 104-0033
Japan
Tel: (81) 3-3523-3551
Fax: (81) 3-3523-7581
Memory
2325 Orchard Parkway
San Jose, CA 95131, USA
Tel: 1(408) 441-0311
Fax: 1(408) 436-4314
Microcontrollers
2325 Orchard Parkway
San Jose, CA 95131, USA
Tel: 1(408) 441-0311
Fax: 1(408) 436-4314
La Chantrerie
BP 70602
44306 Nantes Cedex 3, France
Tel: (33) 2-40-18-18-18
Fax: (33) 2-40-18-19-60
ASIC/ASSP/Smart Cards
Zone Industrielle
13106 Rousset Cedex, France
Tel: (33) 4-42-53-60-00
Fax: (33) 4-42-53-60-01
1150 East Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906, USA
Tel: 1(719) 576-3300
Fax: 1(719) 540-1759
Scottish Enterprise Technology Park
Maxwell Building
East Kilbride G75 0QR, Scotland
Tel: (44) 1355-803-000
Fax: (44) 1355-242-743
RF/Automotive
Theresienstrasse 2
Postfach 3535
74025 Heilbronn, Germany
Tel: (49) 71-31-67-0
Fax: (49) 71-31-67-2340
1150 East Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906, USA
Tel: 1(719) 576-3300
Fax: 1(719) 540-1759
Biometrics/Imaging/Hi-Rel MPU/
High Speed Converters/RF Datacom
Avenue de Rochepleine
BP 123
38521 Saint-Egreve Cedex, France
Tel: (33) 4-76-58-30-00
Fax: (33) 4-76-58-34-80
Literature Requests
www.atmel.com/literature
4750A–AUDR–11/03
© Atmel Corporation 2003. All rights reserved.
Atmel
® and combinations thereof are the registered trademarks of Atmel Corporation or its subsidiaries.
Other terms and product names may be the trademarks of others.


Similar Part No. - U4285BM

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
   AM / FM - PLL
U4285BM-AFS TEMIC-U4285BM-AFS Datasheet
138Kb / 10P
   AM / FM - PLL
U4285BM-AFSG3 TEMIC-U4285BM-AFSG3 Datasheet
138Kb / 10P
   AM / FM - PLL
More results

Similar Description - U4285BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4285 ATMEL-ATR4285 Datasheet
274Kb / 13P
   Reference Oscillator up to 15 MHz
ATR4289 ATMEL-ATR4289 Datasheet
282Kb / 12P
   Reference Oscillator up to 15 MHz
logo
QUARTZCOM the communica...
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
   SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
   Supports up to 15??laptops.
logo
QUARTZCOM the communica...
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
   LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com