Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA2EZ47D5 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SMA2EZ47D5
Description  2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMA2EZ47D5 Datasheet(HTML) 3 Page - Micro Commercial Components

  SMA2EZ47D5 Datasheet HTML 1Page - Micro Commercial Components SMA2EZ47D5 Datasheet HTML 2Page - Micro Commercial Components SMA2EZ47D5 Datasheet HTML 3Page - Micro Commercial Components SMA2EZ47D5 Datasheet HTML 4Page - Micro Commercial Components SMA2EZ47D5 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTICS CURVES
SMA2EZ5.
1D5 THRU SMA2EZ75D5
Fig. 1-POWER TEMPERATURE DERATING CURVE
500
250
150
100
50
30
20
10
.1
.2 .3
5
1
2 3 5
10
20
50
100
RECTANGULAR NONREPETITIVE
WAVEFORM TJ = 25
PRIOR TO
INITIAL PULSE
P.W. PULSE WIDTH (ms)
0.1
0.05
0.03
0.02
0.01
0.005
0.003
0.002
0.001
0.0005
0.0003
0.0002
0.0001
1
2
5
10
20
50
100
200
500
1K
NOMINAL VZ (VOLTS)
Fig. 2-MAXIMUM SURGE POWER
Fig. 3-TYPICAL REVERSE LEAKAGE
8
6
4
2
0
-2
-4
3
4
6
8
10
12
RANGE
VZ, ZENER VOLTAGE @IZT (VOLTS)
200
100
50
40
30
20
10
0
20
40
60
80
100 120 140 160 180 200
RANGE
VZ, ZENER VOLTAGE @IZT (VOLTS)
Fig. 4-UNITS 3.9 TO 12 VOLTS
Fig. 5-UNITS 10 TO 200 VOLTS
MCC
Revision: D
2014/12/25
TM
Micro Commercial Components
www.mccsemi.com
3 of 5
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (
°C)
0.5
1.0
1.5
2.0
2.5
0


Similar Part No. - SMA2EZ47D5

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
SMA2EZ47D5 ANOVA-SMA2EZ47D5 Datasheet
365Kb / 3P
   Surface Mount Zener Diodes
logo
Micro Commercial Compon...
SMA2EZ47D5HE3 MCC-SMA2EZ47D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
More results

Similar Description - SMA2EZ47D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ75D5 MCC-3EZ75D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ24D5-TP MCC-3EZ24D5-TP Datasheet
402Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA3EZ270D5 MCC-SMA3EZ270D5 Datasheet
562Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 6.2-270 Volts
SMB3EZ200D5 MCC-SMB3EZ200D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com