Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA2EZ43D5 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SMA2EZ43D5
Description  2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMA2EZ43D5 Datasheet(HTML) 4 Page - Micro Commercial Components

  SMA2EZ43D5 Datasheet HTML 1Page - Micro Commercial Components SMA2EZ43D5 Datasheet HTML 2Page - Micro Commercial Components SMA2EZ43D5 Datasheet HTML 3Page - Micro Commercial Components SMA2EZ43D5 Datasheet HTML 4Page - Micro Commercial Components SMA2EZ43D5 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING AND CHARACTERISTICS CURVES
SMA2EZ5.
1D5 THRU SMA2EZ75D5
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
1
2 3
4
5
6 7
8
9 10
VZ, ZENER VOLTAGE (VOLTS)
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0 10 20 30 40 50 60 70 80 90 100
VZ, ZENER VOLTAGE (VOLTS)
Fig. 6-VZ = 3.9 THRU 10 VOLTS
Fig. 7-VZ = 12 THRU 82 VOLTS
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
100
120
140
160
180
200
VZ, ZENER VOLTAGE (VOLTS)
80
70
60
50
40
30
20
10
0
0
1/8
1/4
3/8
1/2
5/8
3/4
7/8
1
PRIMARY PATH OF
CONDUCTION IS THROUGH
THE CATHODE LEAD
L, LEAD LENGTH TO HEAT SINK (INCH)
Fig. 8-VZ = 100 THRU 200 VOLTS
Fig. 9-TYPICAL THERMAL RESISTANCE
MCC
Revision: D
2014/12/25
TM
Micro Commercial Components
www.mccsemi.com
4 of 5


Similar Part No. - SMA2EZ43D5

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
SMA2EZ43D5 ANOVA-SMA2EZ43D5 Datasheet
365Kb / 3P
   Surface Mount Zener Diodes
logo
Micro Commercial Compon...
SMA2EZ43D5HE3 MCC-SMA2EZ43D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
More results

Similar Description - SMA2EZ43D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ75D5 MCC-3EZ75D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ24D5-TP MCC-3EZ24D5-TP Datasheet
402Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA3EZ270D5 MCC-SMA3EZ270D5 Datasheet
562Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 6.2-270 Volts
SMB3EZ200D5 MCC-SMB3EZ200D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com