Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA3EZ28D5 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SMA3EZ28D5
Description  3 W Glass Passivated Junction Silicon Zener Diode 6.2-270 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMA3EZ28D5 Datasheet(HTML) 4 Page - Micro Commercial Components

  SMA3EZ28D5 Datasheet HTML 1Page - Micro Commercial Components SMA3EZ28D5 Datasheet HTML 2Page - Micro Commercial Components SMA3EZ28D5 Datasheet HTML 3Page - Micro Commercial Components SMA3EZ28D5 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Revision: A
2017/03/02
www.mccsemi.com
4 of 4
Device
Packing
Part Number-TP
Tape&Reel: 7.5Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF
Micro Commercial Components
M C C
R


Similar Part No. - SMA3EZ28D5

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
SMA3EZ28D5 ANOVA-SMA3EZ28D5 Datasheet
379Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - SMA3EZ28D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3EZ75D5 MCC-3EZ75D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ24D5-TP MCC-3EZ24D5-TP Datasheet
402Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB3EZ200D5 MCC-SMB3EZ200D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com