Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCOCXOVS-XYA40MHZ Datasheet(PDF) 3 Page - MICORO CRYSTAL SWITZERLAND

Part # SCOCXOVS-XYA40MHZ
Description  Sine Wave Output 10 to 54 MHz Tight stability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXOVS-XYA40MHZ Datasheet(HTML) 3 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXOVS-XYA40MHZ Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXOVS-XYA40MHZ Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND SCOCXOVS-XYA40MHZ Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Version 15/08.2015
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 80 90
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
ENVIRONMENTAL
CHARACTERISTICS:
Storage temp. range
-65 to +125°C
Vibration resistance
10 to 2000Hz / 20g
Shocks resistance
5000g / 0.3ms / ½ sine
TERMINATIONS AND
PROCESSINg:
pins soldering
+235°C / 10s max
Package
SMD version option D1 or D2
see application notes
Dil 14.4 pins GND to case
height = 8mm
PRODuCT DESCRIPTION AND
ORDERINg INFORMATION:
Frequency «MHz»
10
12
12.8
14.7456
16
20
26
40
52
54
Other frequencies from 10 kHz up to 54 MHz on request
STANDARD FREQuENCIES:
All specifications subject to change without notice.
W
= Vdd 3.3V
V
= Vdd 5V
blank
= Vdd 12V
S
= Sine wave
A
= 0 to 60°C
B
= -20 to 70°C
C
= -40 to 85°C
X
= custom
R1 = R = 0 to 10kΩ
V3 = Vc = 0 to 3.3V
V5 = Vc = 0.5 to 5V
YA internal accuracy= ± 1ppm
YB internal accuracy= ± 0.5ppm
Y = custom
Frequency
customer
spec N°
SCOCXOV S - C V5 20MHz
XXX
A unique part number will be generated for each product specification, i.e:
20xxxx-EA00
(in ESD plastic tray)
Please contact us.


Similar Part No. - SCOCXOVS-XYA40MHZ

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOVS-AR1 GOLLEDGE-SCOCXOVS-AR1 Datasheet
149Kb / 2P
   5V OCXO Sine Output Tight Stability
SCOCXOVS-BV5 GOLLEDGE-SCOCXOVS-BV5 Datasheet
149Kb / 2P
   5V OCXO Sine Output Tight Stability
More results

Similar Description - SCOCXOVS-XYA40MHZ

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
   Sine Wave Output 10 to 54 MHz Tight stability
SCOCXO MICROCRYSTAL-SCOCXO Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
SCOCXO MICROCRYSTAL-SCOCXO_16 Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
logo
Golledge Electronics Lt...
SCOCXOVS GOLLEDGE-SCOCXOVS Datasheet
149Kb / 2P
   5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_16 Datasheet
142Kb / 2P
   3.3V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS Datasheet
149Kb / 2P
   3.3V OCXO Sine Output Tight Stability
SCOCXOVS GOLLEDGE-SCOCXOVS_15 Datasheet
149Kb / 2P
   5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_18 Datasheet
556Kb / 5P
   3.3V OCXO Sine Output Tight Stability
logo
Advanced XTAL Products
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
   OCXO High stability, Sine Wave Output
logo
Golledge Electronics Lt...
HCD350 GOLLEDGE-HCD350_18 Datasheet
559Kb / 4P
   5V Tight Stability OCXO with Sine Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com