Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCOCXOHWT-CYA50 Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # SCOCXOHWT-CYA50
Description  HC-MOS output 10 to 120 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXOHWT-CYA50 Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXOHWT-CYA50 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXOHWT-CYA50 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND SCOCXOHWT-CYA50 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 80 90
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
TAbLE 2: Idd
TAbLE 1: Vdd = 5V
TAbLE 3:
Operating
Temperature range
Vdd = 3.3V ± 0.15V
Version
standard
Version
high stability
A = 0 to +60°C
≤ ± 75 ppb
≤ ± 50 ppb
B = -20 to +70°C
≤ ± 150 ppb
≤ ± 75 ppb
C = -40 to +85°C
≤ ± 250 ppb
≤ ± 100 ppb
Operating
Temperature range
Vdd = 5V ± 0.2V
Version
standard
Version
high stability
A = 0 to +60°C
≤ ± 50 ppb
≤ ± 25 ppb
B = -20 to +70°C
≤ ± 100 ppb
≤ ± 50 ppb
C = -40 to +85°C
≤ ± 150 ppb
≤ ± 100 ppb
TAbLE 1: Vdd = 3.3V
Temperature
Vdd = 3.3V
Vdd = 5V
25°C
-20°C
≤ 120 mA
≤ 170 mA
≤ 80 mA
≤ 120 mA
start-up current at 25°C
duration
≤ 350mA
30s
≤ 300mA
10s
Frequency control
adjustment
response slope positive
Vdd = 3.3V
Vdd = 5V
Voltage control input
impedance > 47kΩ
0 to 3.3V
0.5 to 5V
Resistor control
R connect pin 1 to ground
(Input impedance > -4,7kΩ)
0 to 10kΩ
0 to 10kΩ
No frequency control
YA or YB
Pin 1 connect to GND


Similar Part No. - SCOCXOHWT-CYA50

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOHW GOLLEDGE-SCOCXOHW Datasheet
559Kb / 5P
   3.3V High Frequency Fundamental CMOS OCXO
More results

Similar Description - SCOCXOHWT-CYA50

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXO MICROCRYSTAL-OCXO_16 Datasheet
323Kb / 3P
   HC-MOS output from 10 kHz up to 54 MHz
SCOCXO MICROCRYSTAL-SCOCXO Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
SCOCXO MICROCRYSTAL-SCOCXO_16 Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
OCXOST MICROCRYSTAL-OCXOST Datasheet
311Kb / 2P
   HC-MOS output Up to 54 MHz stratum 3 compliant
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
AC1529 TELEDYNE-AC1529 Datasheet
163Kb / 2P
   10 TO 1500 MHz 10 TO 1500 MHz
logo
MICORO CRYSTAL SWITZERL...
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
   Sine Wave Output 10 to 54 MHz Tight stability
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Texas Instruments
TLV316 TI1-TLV316 Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com