Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCOCXOHSVT-BYA50 Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # SCOCXOHSVT-BYA50
Description  Sine Wave Output 10 to 120MHz Low phase noise
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXOHSVT-BYA50 Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXOHSVT-BYA50 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXOHSVT-BYA50 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND SCOCXOHSVT-BYA50 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 80 90
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
TAbLE 2: Idd
TAbLE 3: VC
Temperature
Vdd = 3.3V
Vdd = 5V
+25°C
-20°C
≤ 120 mA
≤ 170 mA
≤ 80 mA
≤ 120 mA
start-up current at 25°C
duration
≤ 350mA
30s
≤ 300mA
10s
Frequency control
adjustment
response slope positive
Vdd = 3.3V
Vdd = 5V
Voltage control input
impedance > 47kΩ
0 to 3.3V
0.5 to 5V
Resistor control
R connect pin 1 to ground
(Input impedance > -4,7kΩ)
0 to 10kΩ
0 to 10kΩ
No frequency control
YA or YB
Pin 1 connect to GND
TAbLE 4: OuTPuT SIgNAL
Vdd
3.3V
5V
Load
50Ω
50Ω
Level ≤20MHz
≥ 2dBm
≥ 4dBm
Level >20MHz
≥ -6dBm
≥ -4dBm
Harmonics (typ)
-15dBc
-15dBc
Spurious
-70dBc
-70dBc
TAbLE 1: Vdd = 5V
Operating
Temperature range
Vdd = 3.3V ± 0.15V
Version
standard
Version
high stability
A = 0 to +60°C
≤ ± 75 ppb
≤ ± 50 ppb
B = -20 to +70°C
≤ ± 150 ppb
≤ ± 75 ppb
C = -40 to +85°C
≤ ± 250 ppb
≤ ± 100 ppb
Operating
Temperature range
Vdd = 5V ± 0.2V
Version
standard
Version
high stability
A = 0 to +60°C
≤ ± 50 ppb
≤ ± 25 ppb
B = -20 to +70°C
≤ ± 100 ppb
≤ ± 50 ppb
C = -40 to +85°C
≤ ± 150 ppb
≤ ± 100 ppb
TAbLE 1: Vdd = 3.3V


Similar Part No. - SCOCXOHSVT-BYA50

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOHSV GOLLEDGE-SCOCXOHSV Datasheet
558Kb / 5P
   5V Sine Output OCXO
More results

Similar Description - SCOCXOHSVT-BYA50

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
   OCXO with Sine Wave Output, Low Phase Noise
AXIOM2520-11 AXTAL-AXIOM2520-11 Datasheet
103Kb / 2P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM130LN AXTAL-AXIOM130LN Datasheet
116Kb / 4P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM55LN AXTAL-AXIOM55LN Datasheet
117Kb / 4P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75-11 AXTAL-AXIOM75-11 Datasheet
93Kb / 2P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM35LN AXTAL-AXIOM35LN Datasheet
120Kb / 4P
   Low Phase Noise Miniature OCXO with Sine Wave Output
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
   Ultra-Low Phase Noise OCXO with Sine Wave Output
AXIOM75ULN AXTAL-AXIOM75ULN Datasheet
115Kb / 4P
   Ultra-Low Phase Noise OCXO with Sine Wave Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com