Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCOCXOVS-BY26MHZ Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # SCOCXOVS-BY26MHZ
Description  Sine Wave Output 10 to 54 MHz Tight stability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXOVS-BY26MHZ Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXOVS-BY26MHZ Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXOVS-BY26MHZ Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND SCOCXOVS-BY26MHZ Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 80 90
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
TAbLE 2: Idd
TAbLE 1: Vdd = 12V
TAbLE 1: Vdd = 5V
TAbLE 3: VC
Operating
Temperature range
Vdd = 3.3V ± 0.15V
A = 0 to +60°C
≤ ± 50 ppb
B = -20 to +70°C
≤ ± 75 ppb
C = -40 to +85°C
≤ ± 100 ppb
Operating
Temperature range
Vdd = 12V ± 0.5V
A = 0 to +60°C
≤ ± 25 ppb
B = -20 to +70°C
≤ ± 50 ppb
C = -40 to +85°C
≤ ± 100 ppb
Operating
Temperature range
Vdd = 5V ± 0.2V
A = 0 to +60°C
≤ ± 25 ppb
B = -20 to +70°C
≤ ± 50 ppb
C = -40 to +85°C
≤ ± 100 ppb
TAbLE 1: Vdd = 3.3V
Temperature
Vdd = 3.3V
Vdd = 5V
Vdd = 12V
+25°C
-20°C
≤ 120 mA
≤ 170 mA
≤ 80 mA
≤ 110 mA
≤ 50 mA
≤ 80 mA
start-up current at 25°C
duration
≤ 350mA
30s
≤ 300mA
10s
≤ 250mA
10s
Frequency control
adjustment
response slope positive
Vdd = 3.3V
Vdd = 5V
Vdd = 12V
Voltage control input
impedance > 47kΩ
0 to 3.3V
0.5 to 5V
0.5 to 5V
Resistor control
R connect pin 1 to ground
(Input impedance > -4,7kΩ)
0 to 10kΩ
0 to 10kΩ
0 to 10kΩ
No frequency control
YA or YB
Pin 1 connect to GND
TAbLE 4: OuTPuT SIgNAL
Vdd
3.3V
5V
12V
Load
50Ω
50Ω
1kΩ // 5pf
Level ≤20MHz
≥ 2dBm
≥ 4dBm
>1Vpp
Level >20MHz
≥ -2dBm
≥ 0dBm
>1Vpp
Harmonics
-10dBc
-10dBc
-10dBc
Spurious
-70dBc
-70dBc
-70dBc


Similar Part No. - SCOCXOVS-BY26MHZ

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOVS-BV5 GOLLEDGE-SCOCXOVS-BV5 Datasheet
149Kb / 2P
   5V OCXO Sine Output Tight Stability
More results

Similar Description - SCOCXOVS-BY26MHZ

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
   Sine Wave Output 10 to 54 MHz Tight stability
SCOCXO MICROCRYSTAL-SCOCXO Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
SCOCXO MICROCRYSTAL-SCOCXO_16 Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
logo
Golledge Electronics Lt...
SCOCXOVS GOLLEDGE-SCOCXOVS Datasheet
149Kb / 2P
   5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_16 Datasheet
142Kb / 2P
   3.3V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS Datasheet
149Kb / 2P
   3.3V OCXO Sine Output Tight Stability
SCOCXOVS GOLLEDGE-SCOCXOVS_15 Datasheet
149Kb / 2P
   5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_18 Datasheet
556Kb / 5P
   3.3V OCXO Sine Output Tight Stability
logo
Advanced XTAL Products
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
   OCXO High stability, Sine Wave Output
logo
Golledge Electronics Lt...
HCD350 GOLLEDGE-HCD350_18 Datasheet
559Kb / 4P
   5V Tight Stability OCXO with Sine Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com