Electronic Components Datasheet Search |
|
SCOCXOHWT-BV550 Datasheet(PDF) 3 Page - MICORO CRYSTAL SWITZERLAND |
|
SCOCXOHWT-BV550 Datasheet(HTML) 3 Page - MICORO CRYSTAL SWITZERLAND |
3 / 3 page Version 15/05.2017 Micro Crystal AG Tel. +41 32 655 82 82 Mühlestrasse 14 Fax +41 32 655 80 90 CH-2540 Grenchen sales@microcrystal.com Switzerland www.microcrystal.com ENVIRONMENTAL CHARACTERISTICS: Storage temp. range -55 to +125°C Vibration resistance 10 to 2000Hz / 20g Shocks resistance 5000g / 0.3ms / ½ sine TERMINATIONS AND PROCESSING: Pin soldering +235°C / 10s max +260°C / 5s max Package SMD version option D1 or D2 see application note Dil 14.4 pins GND to case height = 8mm PRODUCT DESCRIPTION AND ORDERING INFORMATION: All specifications subject to change without notice. Frequency «MHz» 10 20 40 50 54 100 108 120 Other frequencies from 10 MHz up to 120 MHz on request STANDARD FREQUENCIES: W = Vdd 3.3V V = Vdd 5V T = high stability blank = standard stability A = 0 to +60°C B = -20 to +70°C C = -40 to +85°C X = custom R1 = R = 0 to 10kΩ V3 = Vc = 0 to 3.3V V5 = Vc = 0.5 to 5V YA internal accuracy= ± 1ppm YB internal accuracy= ± 0.5ppm Y = custom Frequency customer spec N° SCOCXOH V T - C V5 20MHz XXX A unique part number will be generated for each product specification, i.e: 20xxxx-EA00 (in ESD plastic tray) Please contact us. |
Similar Part No. - SCOCXOHWT-BV550 |
|
Similar Description - SCOCXOHWT-BV550 |