Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB154L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DB154L
Description  1.5 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DB154L Datasheet(HTML) 1 Page - Micro Commercial Components

  DB154L Datasheet HTML 1Page - Micro Commercial Components DB154L Datasheet HTML 2Page - Micro Commercial Components DB154L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DB1
51L
THRU
DB1
57L
1.5 Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
4-PIN DIP Package
Glass Passivated Diode Construction
High Surge
Forward Current Capability
Operating Junction Temperature: -55°C to +150°C
Storage Temperature: -55°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DB1
51L
DB1
51L
50V
35V
50V
DB1
52L
DB1
52L
100V
70V
100V
DB1
53L
DB1
53L
200V
140V
200V
DB1
54L
DB1
54L
400V
280V
400V
DB1
55L
DB1
55L
600V
420V
600V
DB1
56L
DB1
56L
800V
560V
800V
DB1
57L
DB1
57L
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1
.5 A T
A = 40
°C
Peak Forward Surge
Current
IFSM
45A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.
1V
IFM = 1.
5A;
TJ = 25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
TJ = 25°C
DB
L-1
Revision:
A
20
16/02/03
DIMENSIONS
DIM
MIN
MAX
MIN
MAX
NOTE
A
.316
.335
8.05
8.51
B
.245
.255
6.20
6.50
C
.300
.350
7.60
8.90
D
.
150
.
185
3.81
4.69
E
.
093
.
096
2.
35
2.45
A
B
C
D
E
G
H
+
-
~
~
Notch
F
H
G
INCHES
MM
.195
.01
8
.02
3
.4
6
.56
.205
5.00
5.20
F
www.mccsemi.com
1 of 3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Thermal Resistance : Rthja:
68C/W;RthJL:15C/W.
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Maximum Ratings
Halogen free available upon request by adding suffix "-HF"
Moisture Sensitivity Level 1
• Epoxy meets UL 94 V-0 flammability rating
I2t
8.4A2S
Current Squared
Time
1ms≤t<8.3ms Tj=25℃,
Rating of per diode
Micro Commercial Components
M C C
TM
.
050
.
080
1.27
2.03
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#


Similar Part No. - DB154L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB154LS RECTRON-DB154LS Datasheet
295Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
More results

Similar Description - DB154L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP005M MCC-KBP005M Datasheet
721Kb / 3P
   1.5 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
   50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
SDB151L MCC-SDB151L Datasheet
102Kb / 2P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB151 MCC-RB151_13 Datasheet
279Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
W005M KISEMICONDUCTOR-W005M Datasheet
581Kb / 2P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
RB151 MCC-RB151_08 Datasheet
108Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M MCC-W005M_13 Datasheet
342Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M MCC-W005M_04 Datasheet
153Kb / 2P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB-156 MCC-RB-156 Datasheet
240Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
SDB151L MCC-SDB151L_14 Datasheet
150Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com