Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4002ES8-4.2 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4002ES8-4.2
Description  Standalone Li-Ion Switch Mode Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002ES8-4.2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4002ES8-4.2 Datasheet HTML 7Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 8Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 9Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 10Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 11Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 12Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 13Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 14Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4002-4.2
11
400242i
Gate Drive
The LTC4002-4.2 gate driver can provide high transient
currents to drive the external pass transistor. The rise and
fall times are typically 20ns and 50ns respectively when
driving a 2000pF load, which is typical for a P-channel
MOSFET with RDS(ON) in the range of 50mΩ.
A voltage clamp is added to limit the gate drive to 8V below
VCC. For example, if VCC is 10V then the GATE output will
pull down to 2V max. This allows low voltage P-channel
MOSFETs with superior RDS(ON) to be used as the pass
transistor thus increasing efficiency.
Stability
Both the current loop and the voltage loop share a com-
mon, high impedance, compensation node (COMP pin). A
series capacitor and resistor on this pin compensates both
loops. The resistor is included to provide a zero in the loop
response and boost the phase margin.
The compensation capacitor also provides a soft-start
function for the charger. Upon start-up, the COMP pin
voltage will quickly rise to 0.05V, due to the 2.2k series
resistor, then ramp at a rate set by the internal 100
µA pull-
up current source and the external capacitor. Battery
charge current starts ramping up when the COMP pin
voltage reaches 0.8V and full current is achieved with the
COMP pin at 1.3V. With a 0.47
µF capacitor, time to reach
full charge current is about 235ms. Capacitance can be
increased up to 1
µF if a longer start-up time is needed.
Automatic Battery Recharge
After the 3 hour charge cycle is completed and both the
battery and the input power supply (wall adapter) are still
connected, a new charge cycle will begin if the battery
voltage drops below 4.05V due to self-discharge or exter-
nal loading. This will keep the battery capacity at more than
80% at all times without manually restarting the charge
cycle.
Battery Temperature Detection
A negative temperature coefficient (NTC) thermistor
located close to the battery pack can be used to monitor
battery temperature and will not allow charging unless the
battery temperature is within an acceptable range.
Connect a 10k
Ω thermistor (DALE NTHS-1206N02) from
the NTC pin to ground. If the temperature rises to 50
°C,the
resistance of the NTC will be approximately 4.1k
Ω. With
the 85
µA pull-up current source, the Hot temperature
voltage threshold is 350mV. For Cold temperature, the
voltage threshold is set at 2.456V which is equal to 0
°C
(RNTC ≅ 28.4kΩ) with 85µA of pull-up current. If the
temperature is outside the window, the GATE pin will be
pulled up to VCC and the timer frozen while the output
status at the CHRG pin remains the same. The charge cycle
begins or resumes once the temperature is within the
acceptable range. Short the NTC pin to ground to disable
the temperature qualification feature.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC4002ES8-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002ES8-4.2 LINER-LTC4002ES8-4.2 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
More results

Similar Description - LTC4002ES8-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com