Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCOCXOHVT-AY40 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # SCOCXOHVT-AY40
Description  HC-MOS output 10 to 120 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXOHVT-AY40 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXOHVT-AY40 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXOHVT-AY40 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND SCOCXOHVT-AY40 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
SCOCXOH familypackage DIL14
HC-MOS output 10 to 120 MHz
20.20
15.24
1
7
8
14
0.46
10.7
Package:
All dimensions in mm typical
DESCRIPTION:
This DIL 14 package has been specially designed for the applications:
- Digital switching
- Telecom transmission
- Sonet / SDH / DWDM / FDM/36 / WIMAX
- Airbone equipments
- Battery operated systems
- Instrumentation
- Radio Transceiver
The OCXO are supplied on trays (50 pcs/tray).
Oven control quartz crystal oscillator
Fundamental mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Customer specification on request
Very fast warm up
Low power consumption
Swiss made quality
ELECTRICAL
CHARACTERISTICS 25°C
RoHScompliant:
Pin out
Pin 1 = Voltage control
Pin 7 = GND
Pin 8 = Fout
Pin 14 = Vdd
1) <± 1 E-9 / day after 30 days operating
Frequency versus temperature
A: 0 to +60°C
B: -20 to +70°C
C: -40 to +85°C
ΔF/F
see table 1
(without air flow)
Frequency long term aging
1)
long term aging 10 years
long term aging 1st year
ΔF/F
≤ 40MHz
>40MHz
ppm
< ± 2.5
≤ ± 0.3
< ± 4
≤ ± 1
Frequency control range see table 3
Vc
≤ 40MHz
>40MHz
≥ ± 2.5
≥ ± 4
ppm
Supply voltage
Vdd
3.3 / 5
V
Input current
Idd
see table 2
Output signal sine wave
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time (without load)
≤7
nS
Level "0" & "1"
<0.4V> Vcc-0.5
V
Load min / max
3/47
pF
Start-up time
t
<5
ms
Frequency stability versus load ± 10% ΔF/F
≤ ± 30
ppb
Warm-up within ± 0.1 ppm at 25°C
Vdd
3.3
5
V
t
≤ 120
≤ 60
s
Stability versus Vdd
ΔF/F
< ± 0.1
ppm
Short term stability 0.1 to 30s
5E-11 typ at 1s
Tau
< 1
E-10
Phase noise typical
Static conditions
BW = 1Hz
10Hz
100Hz
1 kHz
10 kHz
100kHz
10MHz
100MHz
dBc/
Hz
-105
-135
-150
-160
-160
-90
-120
-140
-150
-155


Similar Part No. - SCOCXOHVT-AY40

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOHV GOLLEDGE-SCOCXOHV Datasheet
559Kb / 5P
   5.0V High Frequency Fundamental CMOS OCXO
More results

Similar Description - SCOCXOHVT-AY40

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXO MICROCRYSTAL-OCXO_16 Datasheet
323Kb / 3P
   HC-MOS output from 10 kHz up to 54 MHz
SCOCXO MICROCRYSTAL-SCOCXO Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
SCOCXO MICROCRYSTAL-SCOCXO_16 Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
OCXOST MICROCRYSTAL-OCXOST Datasheet
311Kb / 2P
   HC-MOS output Up to 54 MHz stratum 3 compliant
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
AC1529 TELEDYNE-AC1529 Datasheet
163Kb / 2P
   10 TO 1500 MHz 10 TO 1500 MHz
logo
MICORO CRYSTAL SWITZERL...
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
   Sine Wave Output 10 to 54 MHz Tight stability
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Texas Instruments
TLV316 TI1-TLV316 Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com