Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCOCXOHWT-AYB40 Datasheet(PDF) 3 Page - MICORO CRYSTAL SWITZERLAND

Part # SCOCXOHWT-AYB40
Description  HC-MOS output 10 to 120 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXOHWT-AYB40 Datasheet(HTML) 3 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXOHWT-AYB40 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXOHWT-AYB40 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND SCOCXOHWT-AYB40 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Version 15/05.2017
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 80 90
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
ENVIRONMENTAL
CHARACTERISTICS:
Storage temp. range
-55 to +125°C
Vibration resistance
10 to 2000Hz / 20g
Shocks resistance
5000g / 0.3ms / ½ sine
TERMINATIONS AND
PROCESSING:
Pin soldering
+235°C / 10s max
+260°C / 5s max
Package
SMD version option D1 or D2
see application note
Dil 14.4 pins GND to case
height = 8mm
PRODUCT DESCRIPTION AND
ORDERING INFORMATION:
All specifications subject to change without notice.
Frequency «MHz»
10
20
40
50
54
100
108
120
Other frequencies from 10 MHz up to 120 MHz on request
STANDARD FREQUENCIES:
W
= Vdd 3.3V
V
= Vdd 5V
T = high stability
blank = standard stability
A
= 0 to +60°C
B
= -20 to +70°C
C
= -40 to +85°C
X
= custom
R1 = R = 0 to 10kΩ
V3 = Vc = 0 to 3.3V
V5 = Vc = 0.5 to 5V
YA internal accuracy= ± 1ppm
YB internal accuracy= ± 0.5ppm
Y = custom
Frequency
customer
spec N°
SCOCXOH V T - C V5 20MHz
XXX
A unique part number will be generated for each product specification, i.e:
20xxxx-EA00
(in ESD plastic tray)
Please contact us.


Similar Part No. - SCOCXOHWT-AYB40

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOHW GOLLEDGE-SCOCXOHW Datasheet
559Kb / 5P
   3.3V High Frequency Fundamental CMOS OCXO
More results

Similar Description - SCOCXOHWT-AYB40

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXO MICROCRYSTAL-OCXO_16 Datasheet
323Kb / 3P
   HC-MOS output from 10 kHz up to 54 MHz
SCOCXO MICROCRYSTAL-SCOCXO Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
SCOCXO MICROCRYSTAL-SCOCXO_16 Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
OCXOST MICROCRYSTAL-OCXOST Datasheet
311Kb / 2P
   HC-MOS output Up to 54 MHz stratum 3 compliant
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
AC1529 TELEDYNE-AC1529 Datasheet
163Kb / 2P
   10 TO 1500 MHz 10 TO 1500 MHz
logo
MICORO CRYSTAL SWITZERL...
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
   Sine Wave Output 10 to 54 MHz Tight stability
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Texas Instruments
TLV316 TI1-TLV316 Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com